Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9433P Datasheet(PDF) 3 Page - Analog Power

Part # AM9433P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM9433P Datasheet(HTML) 3 Page - Analog Power

  AM9433P Datasheet HTML 1Page - Analog Power AM9433P Datasheet HTML 2Page - Analog Power AM9433P Datasheet HTML 3Page - Analog Power AM9433P Datasheet HTML 4Page - Analog Power AM9433P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AM9433P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM9433_G
3
Typical Electrical Characteristics
Figure 5. Gate Charge
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. Capacitance
Figure 6. On-Resistance vs. Junction Temperature
0
300
600
900
1200
1500
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
0
5
10
15
20
0
1
2
3
4
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-2.0V
-3.0V
0
5
10
15
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
Figure 3. On-Resistance vs. Drain Current
0.8
1
1.2
1.4
1.6
0
5
10
15
20
-ID, DIRAIN CURRENT (A)
VGS = -2.5V
-4.5V
-10
-8
-6
-4
-2
0
0
4
8
12
16
20
Qg, Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
VGS = -4.5V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com