Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9435P Datasheet(PDF) 3 Page - Analog Power

Part # AM9435P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM9435P Datasheet(HTML) 3 Page - Analog Power

  AM9435P Datasheet HTML 1Page - Analog Power AM9435P Datasheet HTML 2Page - Analog Power AM9435P Datasheet HTML 3Page - Analog Power AM9435P Datasheet HTML 4Page - Analog Power AM9435P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AM9435P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM9435_G
3
0
10
20
30
0
1
2
3
4
5
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-4.0V
-5.0V
V
-6.0V
V
0
3
6
9
12
15
1
1.5
2
2.5
3
3.5
4
4.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
-4.5V
-6.0V
-10V
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ Juncation Temperature (C)
VGS = 10V
ID = 5.7A
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 3. On Resistance Vs Vgs Voltage
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-Resistance Variation with Temperature
-10
-8
-6
-4
-2
0
0
3
6
9
12
15
Qg Gate Charge (nC)
I
D=5.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com