Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1843 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1843
Description  Fast Sample-and-Hold Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1843 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1843_12 Datasheet HTML 1Page - Maxim Integrated Products DS1843_12 Datasheet HTML 2Page - Maxim Integrated Products DS1843_12 Datasheet HTML 3Page - Maxim Integrated Products DS1843_12 Datasheet HTML 4Page - Maxim Integrated Products DS1843_12 Datasheet HTML 5Page - Maxim Integrated Products DS1843_12 Datasheet HTML 6Page - Maxim Integrated Products DS1843_12 Datasheet HTML 7Page - Maxim Integrated Products DS1843_12 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Fast Sample-and-Hold Circuit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC .............................................-0.5V to +6V
Voltage Range on VOUTP, VOUTN,
VINP, VINN, SEN, DEN ............................-0.5V to (VCC + 0.5V)*
Continuous Power Dissipation (TA = +70°C)
µDFN (derate 4.8mW/°C above +70°C).....................380.6mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.97
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Note 1)
5.7
9
mA
Input Capacitance
CIN
All pins (Note 2)
7
pF
Sample Capacitance
CS
VINN and VINP (Note 2)
5
pF
Logic-Input Low
VIL
SEN and DEN inputs
0.3 x
VCC
V
Logic-Input High
VIH
SEN and DEN inputs
0.7 x
VCC
V
Input Leakage
IIN
VINN or VINP, SEN = 0
1
µA
Input Voltage
VIN
VIN = VINP - VINN
0
1.0
V
Output Voltage
VOUT
VOUT = VOUTP - VOUTN; 100k
load on
each output pin
0
1.0
V
Output Impedance
ROUTMAX
(Note 2)
1
1.3
k
Output Capacitive Load
COUT
Capacitance for stable operation
50
pF
VCC = 2.9V, 1µs sample time, VIN = 6mV
3.6
6.1
mV
Total Input Referenced Voltage
Offset: Differential
VOS-DIFF
Voltco (VCC = 2.9V to 5.5V)
1
mV/V
VCC = 2.9V, 1µs sample time, VIN = 6mV
3.4
8
mV
Total Input Referenced Voltage
Offset: Single-Ended
VOS-SE
Voltco (VCC = 2.9V to 5.5V)
1
mV/V
*
Subject to not exceeding +6V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com