Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3232M Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 9Page - Maxim Integrated Products DS3232M Datasheet HTML 10Page - Maxim Integrated Products DS3232M Datasheet HTML 11Page - Maxim Integrated Products DS3232M Datasheet HTML 12Page - Maxim Integrated Products DS3232M Datasheet HTML 13Page - Maxim Integrated Products DS3232M Datasheet HTML 14Page - Maxim Integrated Products DS3232M Datasheet HTML 15Page - Maxim Integrated Products DS3232M Datasheet HTML 16Page - Maxim Integrated Products DS3232M Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
Table 2. Timekeeping Registers
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
02h
0
12/24
AM/PM
10
Hours
Hour
Hours
1–12 +
AM/PM
00–23
20
Hours
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
Century
0
0
10
Month
Month
Month/Century
01–12 +
Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
09h
A1M3
12/24
AM/PM
10
Hours
Hour
Alarm 1 Hours
1–12 +
AM/PM
00–23
20
Hours
0Ah
A1M4
DY/DT
10 Date
Day
Alarm 1 Day
1–7
Date
Alarm 1 Date
1–31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
0Ch
A2M3
12/24
AM/PM
10
Hours
Hour
Alarm 2 Hours
1–12 +
AM/PM
00–23
20
Hours
0Dh
A2M4
DY/DT
10 Date
Day
Alarm 2 Day
1–7
Date
Alarm 2 Date
1–31
0Eh
EOSC
BBSQW
CONV
NA
NA
INTCN
A2IE
A1IE
Control
—
0Fh
OSF
BB32KHZ
0
0
EN32KHZ
BSY
A2F
A1F
Status
—
10h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
—
11h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Temperature
MSB
—
12h
DATA
DATA
0
0
0
0
0
0
Temperature
LSB
—
13h
SWRST
0
0
0
0
0
0
0
Test
—
14h–FFh
X
X
X
X
X
X
X
X
SRAM
00h–FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com