Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402R Datasheet(PDF) 1 Page - API Delevan

Part # 0402R
Description  Open Construction Wirewound Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0402R Datasheet(HTML) 1 Page - API Delevan

  0402R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
0402R
SERIES
0.045
0.070
0.070
0.070
0.070
0.120
0.066
0.066
0.066
0.091
0.130
0.083
0.083
0.083
0.083
0.104
0.104
0.200
0.104
0.195
0.120
0.120
0.210
0.172
0.220
0.230
0.202
0.250
0.300
0.300
0.300
0.300
0.350
0.350
0.440
0.550
0.440
0.810
0.830
0.820
0.970
1.120
12,700
11,300
11,100
10,800
10,500
10,400
7000
6800
5800
6000
4700
4800
4800
4800
4800
4800
4400
4100
4160
3900
3680
3600
3450
3280
3100
3100
3040
3000
2800
2720
2700
2480
2350
2350
2320
2100
2240
2030
2100
1750
1700
1620
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
16
16
16
19
15
16
19
19
19
18
15
20
20
20
20
22
22
18
22
21
24
24
24
24
24
24
24
25
25
24
25
24
25
24
24
25
24
25
20
25
22
22
1.0
1.9
2.0
2.2
2.4
2.7
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
8.7
9.0
10
11
12
13
15
16
18
19
20
22
23
24
27
30
33
36
39
40
43
47
51
56
68
1360
1040
1040
960
790
640
840
840
840
700
640
800
760
760
680
680
680
480
680
480
640
640
440
560
560
420
480
420
400
400
400
400
400
400
320
200
320
100
150
100
100
100
SERIES 0402R CERAMIC CORE
-1N0K
-1N9K
-2N0K
-2N2K
-2N4K
-2N7K
-3N3K
-3N6K
-3N9K
-4N3K
-4N7K
-5N1K
-5N6K
-6N2K
-6N8K
-7N5K
-8N2K
-8N7K
-9N0K
-10NK
-11NK
-12NK
-13NK
-15NK
-16NK
-18NK
-19NK
-20NK
-22NK
-23NK
-24NK
-27NK
-30NK
-33NK
-36NK
-39NK
-40NK
-43NK
-47NK
-51NK
-56NK
-68NK
0.045
0.070
0.070
0.070
0.070
0.120
0.066
0.066
0.066
0.091
0.130
0.083
0.083
0.083
0.083
0.104
0.104
0.200
0.104
0.195
0.120
0.120
0.210
0.172
0.220
0.230
0.202
0.250
0.300
0.300
0.300
0.300
0.350
0.350
0.440
0.550
0.440
0.810
0.830
0.820
0.970
1.120
Optional Tolerances (except 1.0nH & 1.9nH): J = 5%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Physical Parameters
Inches
Millimeters
A
0.050 Max.
1.27 Max.
B
0.030 Max.
0.76 Max.
C
0.024 Max.
0.61 Max.
D
0.020 (Ref. only)
0.51 (Ref. only)
E
0.009 (Ref. only)
0.23 (Ref. only)
F
0.022 (Ref. only)
0.56 (Ref. only)
G
0.026
0.66
H
0.019
0.50
I
0.018
0.46
Operating Temperature Range –40°C to +125°C
Inductance and Q tested on HP4291A using HP16193A
test fixture, or equivalent
Packaging Tape & reel (8mm): 7" reel, 4000 pieces max.
Open Construction
Wirewound Surface Mount Inductors
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/21/10 9:56 AM Page 2


Similar Part No. - 0402R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0402 KEMET-0402 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Tyco Electronics
0402 MACOM-0402 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
UNIOHM CORPORATION
0402 UNIOHM-0402 Datasheet
5Mb / 4P
SMD Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0402 MA-COM-0402 Datasheet
131Kb / 3P
Type CRG Series
logo
Bivar, Inc.
0402 BIVAR-0402 Datasheet
533Kb / 5P
SURFACE MOUNT LED YELLOW, 0402 PACKAGE
Revision B 06/20
More results

Similar Description - 0402R

ManufacturerPart #DatasheetDescription
logo
API Delevan
0603R API-0603R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0805R API-0805R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
4232R API-4232R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
WW1008R API-WW1008R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com