Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603R Datasheet(PDF) 1 Page - API Delevan

Part # 0603R
Description  Open Construction Wirewound Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0603R Datasheet(HTML) 1 Page - API Delevan

  0603R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
Physical Parameters
Inches
Millimeters
A
0.071 Max.
1.80 Max.
B
0.045 Max.
1.14 Max.
C
0.040 Max.
1.02 Max.
D
0.030 (Ref. only)
0.76 (Ref. only)
E
0.018 (Ref. only)
0.44 (Ref. only)
F
0.040 (Ref. only)
1.03 (Ref. only)
G
0.040
1.03
H
0.025
0.64
I
0.025
0.64
Operating Temperature Range –40°C to +125°C
Inductance and Q tested on HP4291A using HP16193A
test fixture, or equivalent
Packaging Tape & reel (8mm): 7" reel, 4000 pieces max.
SERIES 0603R CERAMIC CORE
-1N6K
-1N8K
-3N3K
-3N6K
-3N9K
-4N3K
-4N7K
-5N1K
-5N6K
-6N8K
-7N5K
-8N2K
-8N7K
-9N5K
-10NK
-11NK
-12NK
-15NK
-16NK
-18NK
-22NK
-24NK
-27NK
-30NK
-33NK
-36NK
-39NK
-43NK
-47NK
-56NK
-68NK
-72NK
-82NK
-101K
-111K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Open Construction
Wirewound Surface Mount Inductors
0603R
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
700
600
600
600
600
600
600
600
600
600
400
400
400
300
300
280
250
250
200
100
100
0.040
0.045
0.080
0.063
0.080
0.063
0.120
0.160
0.170
0.110
0.110
0.110
0.110
0.130
0.130
0.086
0.130
0.170
0.110
0.170
0.190
0.130
0.220
0.150
0.220
0.250
0.250
0.280
0.280
0.310
0.340
0.490
0.540
0.580
0.610
0.650
0.950
1.400
1.600
2.100
3.800
4.350
6000
6000
6000
5800
6000
5800
5800
5800
5800
5800
4800
4800
4800
4800
4800
4000
4000
4000
3300
3100
3000
2800
2800
2800
2300
2300
2200
2000
2000
1900
1700
1700
1700
1400
1350
1300
1300
1200
1200
900
900
900
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
200
150
150
150
150
150
100
100
100
100
100
100
16
16
22
22
22
22
25
20
20
27
27
27
27
27
31
31
35
35
35
35
38
38
40
40
40
40
40
38
38
38
37
34
34
34
32
32
32
25
25
25
25
25
1.6
1.8
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.8
7.5
8.2
8.7
9.5
10
11
12
15
16
18
22
24
27
30
33
36
39
43
47
56
68
72
82
100
110
120
150
180
220
270
330
390
Actual Size (Max.)
Optional Tolerances: 9.5nH & Lower J = 5%
All Other Values: J = 5%
G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/21/10 9:57 AM Page 3


Similar Part No. - 0603R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0603R0032-33 BEL-0603R0032-33 Datasheet
1Mb / 4P
Fast Blow Fuse Series
0603R0032-73 BEL-0603R0032-73 Datasheet
1Mb / 4P
Fast Blow Fuse Series
0603R0040-33 BEL-0603R0040-33 Datasheet
1Mb / 4P
Fast Blow Fuse Series
0603R0040-73 BEL-0603R0040-73 Datasheet
1Mb / 4P
Fast Blow Fuse Series
0603R0050-33 BEL-0603R0050-33 Datasheet
1Mb / 4P
Fast Blow Fuse Series
More results

Similar Description - 0603R

ManufacturerPart #DatasheetDescription
logo
API Delevan
0402R API-0402R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0805R API-0805R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
4232R API-4232R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
WW1008R API-WW1008R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com