Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805R Datasheet(PDF) 1 Page - API Delevan

Part # 0805R
Description  Open Construction Wirewound Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

0805R Datasheet(HTML) 1 Page - API Delevan

  0805R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
Physical Parameters
Inches
Millimeters
A
0.090 Max.
2.29 Max.
B
0.068 Max.
1.73 Max.
C
0.060 Max.
1.52 Max.
D
0.050 (Ref. only)
1.27 (Ref. only)
E
0.018 (Ref. only)
0.44 (Ref. only)
F
0.040 (Ref. only)
1.03 (Ref. only)
G
0.070
1.78
H
0.040
1.02
I
0.030
0.76
Operating Temperature Range –40°C to +125°C
Inductance and Q tested on HP4291A using HP16193A
test fixture, or equivalent
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.
SERIES 0805R
Open Construction
Wirewound Surface Mount Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 0805R CERAMIC CORE
-2N8K
-3N0K
-3N3K
-5N6K
-6N8K
-7N5K
-8N2K
-10NK
-12NK
-15NK
-18NK
-22NK
-24NK
-27NK
-33NK
-36NK
-39NK
-43NK
-47NK
-56NK
-68NK
-82NK
-91NK
-101K
-111K
-121K
-151K
-181K
-221K
-241K
-271K
-331K
-391K
-471K
-561K
-621K
-681K
-751K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
800
800
600
600
600
600
600
600
600
600
600
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
350
350
310
290
220
210
210
190
180
180
170
170
170
170
160
150
0.06
0.06
0.08
0.08
0.11
0.14
0.12
0.10
0.15
0.17
0.20
0.22
0.22
0.25
0.27
0.27
0.29
0.34
0.31
0.34
0.38
0.42
0.48
0.46
0.48
0.51
0.56
0.64
0.70
1.00
1.00
1.40
1.50
1.70
1.90
2.20
2.20
2.30
2.35
2.50
2.50
2.50
2.50
2.70
2.95
7900
7900
6000
5500
5500
4500
4700
4200
4000
3400
3300
2600
2000
2500
2050
1700
2000
1650
1650
1550
1450
1300
1200
1200
1000
1100
920
870
850
690
650
600
560
375
340
220
200
200
200
100
100
100
80
60
50
1500
1500
1500
1000
1000
1000
1000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
250
250
250
250
250
250
250
250
250
100
50
50
50
50
50
50
25
25
7.9
7.9
7.9
80
65
50
65
50
50
50
60
50
50
50
55
50
55
60
55
60
60
60
60
60
65
65
65
50
50
50
50
50
44
48
48
48
33
23
23
23
23
23
20
18
16
16
16
16
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
200
150
150
150
150
150
100
100
100
100
100
100
100
50
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
2.8
3.0
3.3
5.6
6.8
7.5
8.2
10
12
15
18
22
24
27
33
36
39
43
47
56
68
82
91
100
110
120
150
180
220
240
270
330
390
470
560
620
680
750
820
1000
1200
1500
1800
2200
2700
Optional Tolerances: 8.2nH & Lower J = 5%
All Other Values: J = 5% G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/21/10 9:58 AM Page 4


Similar Part No. - 0805R

ManufacturerPart #DatasheetDescription
logo
Formosa MS
0805 FORMOSA-0805 Datasheet
61Kb / 1P
Case No. 0805 Device
logo
Freescale Semiconductor...
0805 FREESCALE-0805 Datasheet
594Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
logo
List of Unclassifed Man...
0805 ETC1-0805 Datasheet
495Kb / 1P
P-V SERIES, THERMAL SENSITIVE CHIP ATTENUATORS
logo
Coilcraft lnc.
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
USB 2.0 Common Mode Choke
logo
Kemet Corporation
0805 KEMET-0805 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
More results

Similar Description - 0805R

ManufacturerPart #DatasheetDescription
logo
API Delevan
0402R API-0402R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0603R API-0603R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
4232R API-4232R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
WW1008R API-WW1008R Datasheet
1Mb / 1P
Open Construction Wirewound Surface Mount Inductors
0402-3N3K API-0402-3N3K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-3N6K API-0402-3N6K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-6N2K API-0402-6N2K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
0402-7N5K API-0402-7N5K Datasheet
24Kb / 1P
Wirewound Surface Mount Inductors
logo
Vishay Siliconix
IMC-0805-01 VISHAY-IMC-0805-01_12 Datasheet
86Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
IMC-0805-01 VISHAY-IMC-0805-01_17 Datasheet
90Kb / 3P
Wirewound, Surface Mount Inductors
24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com