Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008R Datasheet(PDF) 1 Page - API Delevan

Part # 1008R
Description  Unshielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1008R Datasheet(HTML) 1 Page - API Delevan

  1008R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
Physical Parameters
Inches
Millimeters
A
0.095 to 0.115
2.41 to 2.92
B
0.085 to 0.105
2.16 to 2.66
C
0.075 to 0.095
1.91 to 2.41
D
0.010 to 0.030
0.26 to 0.76
E
0.040 to 0.060
1.02 to 1.52
F
0.060 (Ref. only)
1.52 (Ref. only)
G
0.045 (Ref. only)
1.14 (Ref. only)
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams) 0.1
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°CRise
Maximum Power Dissipation at 90°C
Phenolic: 0.169 W
Ferrite: 0.208 W
Marking SMD; Dash number with tolerance letter; date
code (YYWWL). Note: An R before the date code indicates
a RoHS component.
Example: 1008R-181J
SMD
181J
R 0703A
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.;
13" reel, 7000 pieces max.
Made In the U.S.A.
SERIES 1008R
1008
Unshielded Surface Mount Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 1008 PHENOLIC CORE
-018M
-022M
-027M
-033M
-039M
-047M
-056M
-068M
-082M
-100K
-120K
-150K
-180K
-220K
-270K
-330K
-390K
-470K
-560K
-680K
-820K
-101K
SERIES 1008 FERRITE CORE
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102J
-122J
-152J
-182J
-222J
-272J
-332J
-392J
-472J
-562J
-682J
-822J
-103J
-123J
-153J
-183J
-223J
-273J
-333J
-393J
-473J
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
1562
1562
1562
1562
1562
1562
1562
1562
1562
1562
1450
1381
1320
1235
1164
1105
1053
1008
847
823
801
728
1225
1168
1119
1055
1000
954
913
846
808
760
708
685
591
548
457
433
413
398
354
334
312
274
264
245
207
194
173
158
146
135
125
120
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.050
0.058
0.064
0.070
0.080
0.090
0.100
0.110
0.120
0.170
0.180
0.190
0.230
0.100
0.110
0.120
0.135
0.150
0.165
0.180
0.210
0.230
0.260
0.300
0.320
0.430
0.500
0.720
0.800
0.880
0.950
1.20
1.35
1.54
2.00
2.16
2.50
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.00
2700
2700
2700
2700
2700
2700
2700
2700
2700
2700
2450
2200
2000
1800
1625
1450
1335
1220
1110
1000
915
550
750
650
550
450
375
300
250
215
195
175
140
125
100
92
76
70
62
60
57
47
44
35
33
28
24
21
19
17
15
13
12
11
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
40
40
40
40
40
40
40
40
35
35
30
30
30
25
25
25
15
40
40
40
40
40
40
40
40
40
40
40
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
30
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
1/2009
API_newlayouts_single:APIcatalog_newlayouts 5/10/11 8:04 PM Page 14


Similar Part No. - 1008R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
1008 FREESCALE-1008 Datasheet
594Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
logo
List of Unclassifed Man...
1008 ETC2-1008 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
PRI TRANSFORMERS Reinforced Insulation
logo
NXP Semiconductors
1008 NXP-1008 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
logo
Pulse A Technitrol Comp...
1008 PULSE-1008 Datasheet
1Mb / 5P
Wire Wound
More results

Similar Description - 1008R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
Unshielded Surface Mount Inductors
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
Unshielded Surface Mount Inductors
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510-22F API-2510-22F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com