Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782R Datasheet(PDF) 1 Page - API Delevan

Part # 1782R
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1782R Datasheet(HTML) 1 Page - API Delevan

  1782R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 1782R
1782
Molded Unshielded RF Coils
Physical Parameters
Inches
Millimeters
Length
0.250 ± 0.010
6.35 ± 0.25
Diameter
0.095 ± 0.010
2.41 ± 0.25
Lead Size
AWG #24 TCW
0.020± 0.0015
0.508 ± 0.038
Lead Length
1.5 ± 0.12
38.1 ± 3.05
Current Rating at 90°C Ambient
LT4K 35°C Rise
LT10K 15°C Rise
Operating Temperature Range
LT4K –55°C to + 125°C
LT10K –55°C to + 105°C
Maximum Power Dissipation at 90°C
Phenolic: LT4K 0.21 W
Iron: LT10K 0.09 W
Ferrite: LT10K 0.073 W
Weight Max. (Grams) 0.3
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 1782-49J
Front:
Reverse:
DELEVAN
16uH±5%
16uH±5%
0237A
Packaging Tape & reel: 12" reel, 3500 pieces max.; 14"
reel, 6000 pieces max.
Made in the U.S.A.
SERIES 1782 PHENOLIC CORE (LT4K)
-95J
-97J
-02J
-03J
-05J
-07J
-09J
-11J
-13J
-15J
-17J
-19J
SERIES 1782 IRON CORE (LT10K)
-21J
-23J
-25J
-27J
-29J
-31J
-33J
-35J
-37J
-39J
-41J
-43J
-45J
-47J
-49J
-51J
-53J
SERIES 1782 FERRITE CORE (LT10K)
-55J
-57J
-59J
-61J
-63J
-65J
-67J
-69J
-71J
-73J
-75J
-77J
-79J
-81J
-83J
-85J
-87J
-89J
-91J
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
1270
1200
1105
1025
960
815
700
650
545
495
415
385
590
535
455
395
335
270
250
230
185
175
155
130
155
150
145
140
135
130
125
110
100
92
88
84
66
61
57
52
47
45
40
36
35
30
29
28
0.09
0.10
0.12
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.00
1.20
1.80
2.00
2.70
3.70
2.70
2.80
3.10
3.30
3.50
3.40
3.60
4.50
5.70
6.70
7.30
8.00
13.0
15.0
17.0
21.0
25.0
28.0
35.0
42.0
46.0
60.0
65.0
72.0
640
600
550
510
430
410
365
330
300
275
250
230
\
150
140
125
115
100
90
80
75
65
60
55
50
40
35
30
25
20
20
22
20
18
15
14
13
12
11
10
9.0
8.0
7.0
6.5
6.0
5.0
4.0
3.8
3.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
40
38
35
33
33
30
30
30
30
28
28
25
25
25
28
30
30
37
45
45
45
50
50
55
45
40
40
50
50
45
45
45
45
45
50
50
30
30
30
30
30
30
30
30
30
30
30
30
0.11
0.13
0.16
0.20
0.24
0.30
0.36
0.43
0.51
0.62
0.75
0.91
1.10
1.30
1.60
2.00
2.40
3.00
3.60
4.30
5.10
6.20
7.50
9.10
11.0
13.0
16.0
20.0
24.0
30.0
36.0
43.0
51.0
62.0
75.0
91.0
110.0
130.0
160.0
200.0
240.0
300.0
360.0
430.0
510.0
620.0
750.0
910.0
Optional Tolerances: H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:32 AM Page 39


Similar Part No. - 1782R

ManufacturerPart #DatasheetDescription
logo
Rohm
17820 ROHM-17820 Datasheet
363Kb / 6P
Three-Terminal Regulator
logo
PHOENIX CONTACT
1782006 PHOENIX-1782006 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P26THRR72
1782019 PHOENIX-1782019 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P26THRR72
1782022 PHOENIX-1782022 Datasheet
937Kb / 16P
MC 1,5/ 2-GF-3,81 P20 THRR32 - PCB header
logo
List of Unclassifed Man...
17820326H25 ETC2-17820326H25 Datasheet
62Kb / 2P
EUROPEAN POWER CORD
More results

Similar Description - 1782R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com