Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511R-26J Datasheet(PDF) 1 Page - API Delevan

Part # 511R-26J
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

511R-26J Datasheet(HTML) 1 Page - API Delevan

  511R-26J Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 511R
511
Molded Unshielded RF Coils
Physical Parameters
Inches
Millimeters
Length
0.375 ± 0.010
9.53 ± 0.25
Diameter
0.156 ± 0.010
3.96 ± 0.25
Lead Size
AWG #22 TCW
0.025 ± 0.002
0.635 ± 0.051
Lead Length
1.44 ± 0.12
36.58 ± 3.05
Current Rating at 90°C Ambient
Phenolic 35°C Rise
Iron 15°C Rise
Operating Temperature Range
Phenolic –55°C to +125°C;
Iron –55°C to +105°C
Maximum Power Dissipation at 90°C
Phenolic 0.312 W
Iron 0.134 W
Weight Max. (Grams) 0.9
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 511-16J
Front:
Reverse:
DELEVAN
4.3uH±5%
4.3uH±5%
0628C
Packaging Tape & reel: 12" reel, 2500 pieces max.; 14"
reel, 4000 pieces max.
Made in the U.S.A.
SERIES 511 PHENOLIC CORE
-2J
-3J
-4J
-6J
-7J
-8J
-10J
-11J
-12J
-14J
-16J
-18J
-20J
-22J
-24J
-26J
-28J
-30J
-32J
-34J
-36J
SERIES 511 IRON CORE
-38J
-40J
-42J
-44J
-46J
-48J
-50J
-52J
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
2370
2285
2185
1935
1790
1675
1515
1500
1430
1315
1265
1115
970
730
685
610
530
450
355
325
305
570
455
420
350
310
285
230
195
0.040
0.043
0.047
0.060
0.070
0.080
0.098
0.100
0.110
0.130
0.140
0.180
0.240
0.420
0.480
0.600
0.800
1.100
1.800
2.150
2.400
0.360
0.470
0.550
0.800
1.050
1.200
1.800
2.500
525
500
475
415
400
380
345
330
315
300
260
230
210
190
170
155
140
130
115
105
95
65
60
55
50
44
40
38
30
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
50
50
50
45
45
45
45
45
45
45
50
50
50
33
33
33
33
33
33
33
33
35
45
50
55
60
65
70
75
0.16
0.18
0.20
0.24
0.27
0.30
0.36
0.39
0.43
0.51
0.62
0.75
0.91
1.10
1.30
1.60
2.00
2.40
3.00
3.60
4.30
5.10
6.20
7.50
9.10
11.0
13.0
16.0
20.0
Optional Tolerances: H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:36 AM Page 41


Similar Part No. - 511R-26J

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
511 PEREGRINE-511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511R-26J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com