Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2256R Datasheet(PDF) 1 Page - API Delevan

Part # 2256R
Description  Axial Lead Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2256R Datasheet(HTML) 1 Page - API Delevan

  2256R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 2256R
2256
Axial Lead Power Choke
Mechanical Configuration Units are axial leaded
encapsulated in an epoxy molded case.
Physical Parameters
Inches
Millimeters
Length
0.550 to 0.570
14.00 to 14.48
Diameter
0.205 to 0.225
5.21 to 5.72
Lead Size
AWG #21 TCW
0.026 to 0.030
0.66 to
0.76
Lead Length
1.25 Min.
31.75 Min.
Operating Temperature –55°C to +125°C
Current Rating at 80°C Ambient 45°C Rise
Maximum Power Dissipation at 80°C 0.44 W
Incremental Current The current at which the inductance
will be decreased by a maximum of 5% from its initial zero
DC value.
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 2256-16J
Front:
Reverse:
DELEVAN
0920B
18uH±5%
Packaging Tape & reel: 12" reel, 1000 pieces max.;
14" reel, 1500 pieces max.
Made in the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 2256 FERRITE CORE
-221L
-271L
-331L
-391L
-471L
-561L
-681L
-821L
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
-53L
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
0.0110
0.0120
0.013
0.018
0.020
0.021
0.029
0.034
0.038
0.042
0.047
0.051
0.058
0.063
0.071
0.079
0.089
0.119
0.152
0.179
0.222
0.315
0.362
0.397
0.418
0.604
0.672
0.735
0.913
1.370
1.580
1.770
2.510
2.730
3.250
3.750
4.310
6.040
6.900
10.00
12.50
16.00
20.00
23.00
25.00
33.00
37.00
40.00
62.00
66.00
74.00
93.00
105.0
143.0
160.0
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
Optional Tolerances:
K = 10% J = 5%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 12:10 PM Page 93


Similar Part No. - 2256R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2256 KR-2256 Datasheet
22Kb / 1P
Lowpass Filter
logo
Alpha Wire
2256 ALPHAWIRE-2256 Datasheet
92Kb / 4P
Customer Specification
1/2/2023
logo
Adafruit Industries
2256 ADAFRUIT-2256 Datasheet
110Kb / 2P
Pi Model B / Pi 2 / Pi 3 Case Base - Smoke Gray
logo
Alpha Wire
2256/1 ALPHAWIRE-2256/1 Datasheet
98Kb / 4P
Customer Specification
8/30/2022
2256/3 ALPHAWIRE-2256/3 Datasheet
92Kb / 4P
Customer Specification
1/2/2023
More results

Similar Description - 2256R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
Axial Lead Schottky Power Rectifiers
logo
ECM Electronics Limited...
MF1303 ECM-MF1303 Datasheet
108Kb / 8P
Axial Molded Choke
logo
Rhombus Industries Inc.
L-13268 RHOMBUS-IND-L-13268 Datasheet
16Kb / 1P
AXIAL LEAD HASH CHOKE
8/15/96
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
Axial Lead Power Chokes
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
logo
Vishay Siliconix
IHD-2 VISHAY-IHD-2 Datasheet
71Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
IHD-4 VISHAY-IHD-4 Datasheet
73Kb / 2P
Choke Coil, Axial Leaded
24-Mar-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com