Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2474R Datasheet(PDF) 1 Page - API Delevan

Part # 2474R
Description  Axial Lead Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2474R Datasheet(HTML) 1 Page - API Delevan

  2474R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 2474R
2474
Axial Lead Power Inductors
Mechanical Configuration Units are axial leaded for
thru-hole mounting, encapsulated in an epoxy molded
case. High resistivity ferrite core, allows for high inductance
with low DC resistance.
Physical Parameters
Inches
Millimeters
Length
0.740 ± 0.010
18.80 ± 0.25
Diameter
0.240 ± 0.010
6.10 ± 0.25
Lead Size
AWG #20 TCW
0.032 ± 0.002
0.813 ± 0.051
Lead Length
1.44 ± 0.12
36.58 ± 3.05
Operating Temperature Range –55°C to +125°C
Current Rating 40°C Rise over 85°C Ambient
Maximum Power Dissipation at 85°C 0.50 W
Inductance Measured at 1 V with no DC current
Incremental Current The current at which the inductance
will be decreased by a maximum of 5% from its initial zero
DC value.
Weight Max. (Grams) 2.5
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 2474R-02K
Front:
Reverse:
DELEVAN
0902A
1.2uH±10%
Packaging Tape & reel: 12" reel, 1000 pieces max.; 14"
reel, 1500 pieces max. For additional packaging options,
see technical section.
Made in the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 2474 FERRITE CORE
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
6.4
5.8
5.2
4.8
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.2
2.0
1.8
1.6
1.5
1.4
1.2
1.1
1.0
0.93
0.85
0.77
0.71
0.64
0.58
0.52
0.48
0.43
0.39
0.35
0.32
0.29
0.27
0.25
0.22
0.20
0.18
0.16
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.06
0.06
0.05
0.05
6.27
5.95
5.67
5.43
5.22
5.03
4.70
4.56
4.01
3.84
3.69
3.55
3.27
3.09
2.97
2.84
2.66
2.25
2.17
2.05
1.84
1.65
1.56
1.53
1.30
1.12
1.04
0.99
0.84
0.80
0.74
0.68
0.59
0.56
0.49
0.42
0.39
0.37
0.34
0.30
0.28
0.25
0.23
0.20
0.19
0.18
0.15
0.13
0.12
0.12
0.10
0.09
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
0.009
0.010
0.011
0.012
0.013
0.014
0.016
0.017
0.022
0.024
0.026
0.028
0.033
0.037
0.040
0.044
0.050
0.070
0.075
0.084
0.104
0.130
0.145
0.152
0.208
0.283
0.330
0.362
0.505
0.557
0.650
0.770
1.03
1.14
1.50
1.98
2.30
2.55
3.00
4.00
4.40
5.80
6.56
8.63
10.1
11.2
15.0
20.8
23.4
26.0
36.0
40.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 12:17 PM Page 94


Similar Part No. - 2474R

ManufacturerPart #DatasheetDescription
logo
Heyco.
2474 HEYCO-2474 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Adafruit Industries
2474 ADAFRUIT-2474 Datasheet
121Kb / 2P
Super Fancy Third Hand Kit from Hobby Creek with Four Arms
7-26-17
logo
Keystone Electronics Co...
2474 KEYSTONE-2474 Datasheet
403Kb / 1P
PLASTIC BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
2474-02L ETC1-2474-02L Datasheet
40Kb / 1P
Axial Lead Power Inductors
More results

Similar Description - 2474R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1800 CANDD-1800 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL Datasheet
150Kb / 1P
Axial Power Inductors
logo
Murata Manufacturing Co...
KMP_1800 MURATA-KMP_1800 Datasheet
94Kb / 2P
Axial Lead Inductors
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
Axial Lead Power Chokes
logo
API Delevan
2256R API-2256R Datasheet
1Mb / 1P
Axial Lead Power Choke
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL_09 Datasheet
92Kb / 1P
Axial Power Inductors
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
Murata Power Solutions ...
1800 MURATA-PS-1800 Datasheet
87Kb / 2P
Axial Lead Inductors
logo
Bel Fuse Inc.
SFAPI BEL-SFAPI Datasheet
1Mb / 6P
Fixed Axial Power Inductors
Dec 16 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com