Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2510R Datasheet(PDF) 1 Page - API Delevan

Part # 2510R
Description  Unshielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2510R Datasheet(HTML) 1 Page - API Delevan

  2510R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 2510R
2510
Unshielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.235 to 0.255
5.97 to 6.48
B
0.085 to 0.105
2.16 to 2.67
C
0.090 to 0.110
2.29 to 2.79
D
0.060 to 0.080
1.52 to 2.03
E
0.035 to 0.055
0.89 to 1.40
F
0.100 (Ref. only)
2.54 (Ref. only)
G
0.059 (Ref. only)
1.47 (Ref. only)
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams)
Phenolic: 0.19
Iron & Ferrite: 0.22
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron & Ferrite: –55°C to +105°C
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Iron & Ferrite: 15°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.145 W
Iron & Ferrite: 0.062 W
Marking API/SMD; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 2510R-52K
API/SMD
15uH±10%
R 0614B
Packaging Tape & reel (12mm): 7" reel, 750 pieces max.;
13" reel, 2700 pieces max.
SERIES 2510 PHENOLIC CORE
-00K
-02K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
SERIES 2510 IRON CORE
-18K
-20K
-22K
-24K
-26K
-28K
-30K
-32K
-34K
-36K
-38K
-40K
-42K
-44K
-46K
-48K
-50K
-52K
-54K
-56K
-58K
-60K
-62K
-64K
-66K
-68K
-70K
-72K
SERIES 2510 FERRITE CORE
-74K
-76K
-78K
-80K
-82K
-84K
-86K
-88K
-90K
-92K
-94K
-96K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
865
785
725
690
635
510
455
415
405
500
475
444
418
385
300
283
250
229
187
167
143
123
114
99
91
120
110
106
100
91
87
76
69
62
58
50
47
52
49
46
38
35
31
30
28
25
23
22
20
0.14
0.17
0.20
0.22
0.26
0.40
0.50
0.60
0.63
0.19
0.21
0.24
0.27
0.32
0.53
0.59
0.76
0.90
1.35
1.70
2.30
3.10
3.60
4.8
5.7
3.3
3.8
4.2
4.7
5.7
6.2
8.1
9.8
12.0
13.8
19.0
21.0
17.0
19.0
21.5
32.0
37.0
47.0
53.0
60.0
71.0
83.0
95.0
108.0
640.0
610.0
530.0
510.0
480.0
440.0
410.0
380.0
340.0
240.0
210.0
200.0
180.0
160.0
140.0
125.0
120.0
100.0
90.0
85.0
80.0
75.0
64.0
50.0
45.0
29.0
24.0
21.0
18.0
17.0
15.0
13.0
12.0
11.0
10.0
9.0
8.9
8.5
7.6
7.2
6.8
6.2
5.3
5.0
4.6
4.3
3.8
3.2
2.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
25
25
25
25
25
25
25
25
25
35
35
35
35
25
30
30
30
30
35
35
35
35
35
35
35
25
25
25
25
25
25
25
25
25
25
25
25
15
15
15
15
15
15
15
15
15
15
15
15
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Made In the U.S.A.
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 3:32 PM Page 29


Similar Part No. - 2510R

ManufacturerPart #DatasheetDescription
logo
API Delevan
2510R-54F API-2510R-54F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results

Similar Description - 2510R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
Unshielded Surface Mount Inductors
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
Unshielded Surface Mount Inductors
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510-22F API-2510-22F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com