Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2512R Datasheet(PDF) 1 Page - API Delevan

Part # 2512R
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2512R Datasheet(HTML) 1 Page - API Delevan

  2512R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 2512R
2512
Surface Mount Power Inductors
Physical Parameters
Inches
Millimeters
A
0.235 to 0.255
5.97 to 6.48
B
0.085 to 0.105
2.16 to 2.67
C
0.090 to 0.110
2.29 to 2.79
D
0.060 to 0.080
1.52 to 2.03
E
0.035 to 0.055
0.89 to 1.40
F
0.100 (Ref. only)
2.54 (Ref. only)
G
0.058 (Ref. only)
1.47 (Ref. only)
Dimensions “A” and “C” are over terminals
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 60°C 0.56 W
Note Current rating is based on 60°C ambient and 125°C
max. operating temperature. The Incremental Current is the
current which causes a maximum change of inductance of
10%.
Marking API/SMD; HC followed by the dash number with
tolerance letter; date code (YYWWL). Note: An R before
the date code indicates a RoHS component.
Example: 2512-102K
API/SMD
HC102K
0845A
Packaging Tape & reel (12mm):
7" reel, 750 pieces max.; 13" reel, 2700 pieces max.
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 2512 FERRITE CORE
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
1230
1040
920
890
750
649
551
527
477
455
435
418
389
377
355
296
255
248
245
242
233
222
211
209
195
1640
1390
1220
1180
1000
865
734
702
636
606
580
557
519
503
474
394
340
330
326
322
310
296
281
278
260
0.15
0.21
0.27
0.29
0.40
0.54
0.75
0.82
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.6
3.5
3.7
3.8
3.9
4.2
4.6
5.1
5.6
6.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/30/10 10:50 AM Page 70


Similar Part No. - 2512R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2512 KR-2512 Datasheet
27Kb / 2P
Lowpass Filter
logo
Tyco Electronics
2512 MACOM-2512 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
2512 MA-COM-2512 Datasheet
131Kb / 3P
Type CRG Series
logo
Pulse A Technitrol Comp...
2512 PULSE-2512 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
List of Unclassifed Man...
2512 ETC2-2512 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
More results

Similar Description - 2512R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com