Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2727R Datasheet(PDF) 1 Page - API Delevan

Part # 2727R
Description  Radial Toroidal Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2727R Datasheet(HTML) 1 Page - API Delevan

  2727R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 2727R
2727
Radial Toroidal Inductors
Military Specification MS21424 (Ref.)
Physical Parameters
Inches
Millimeters
A
0.270 to 0.300
6.86
to 7.62
B
0.260 to 0.280
6.60 to 7.11
C
0.140 to 0.160
3.56 to 4.06
D
0.190 to 0.210
4.83
to 5.33
E
1.00 Min.
25.40 Min.
F
0.023 to 0.027
0.584 to 0.686
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature –55°C to +125°C
Maximum Power Dissipation at 90°C 0.33 W
Core Material Iron
Weight Max. (Grams) 1.0
Lead Size AWG #22 TCW
Marking 2727; dash number with tolerance letter; Delevan
cage code (99800); date code (YYWWL). Note: An R after
2727 indicates a RoHS component.
Example: 2727-25J
2727
-25J
99800
0908A
Packaging Bulk only
Made in the U.S.A.
SERIES 2727 IRON CORE
-01J
-02J
-03J
-04J
-05J
-06J
-07J
-08J
-09J
-10J
-11J
-12J
-13J
-14J
-15J
-16J
-17J
-18J
-19J
-20J
-21J
-22J
-23J
-24J
-25J
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
420
385
360
320
290
265
240
220
200
185
165
155
140
125
115
105
96
90
100
93
84
77
100
92
84
1.1
1.3
1.5
1.9
2.3
2.7
3.3
3.9
4.7
5.6
6.8
8.1
9.7
12
14
17
20
24
19
22
27
32
19
23
27
35
31
27
24
22
20
18
16
14
12
11
10
9.1
8.2
7.3
6.4
5.6
5.0
4.4
3.9
3.5
3.1
2.8
2.5
2.2
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
75
75
75
80
80
80
80
80
80
80
80
80
80
45
45
45
50
55
55
55
55
55
55
50
50
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
Actual Size
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 3:41 PM Page 57


Similar Part No. - 2727R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2727 KR-2727 Datasheet
54Kb / 2P
Bandpass Filter
logo
Heyco.
2727 HEYCO-2727 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
2727 ADAFRUIT-2727 Datasheet
86Kb / 1P
MicroUSB Plug to 5.5/2.1mm DC Barrel Jack Adapter
logo
SICK AG
27270903 SICK-27270903 Datasheet
431Kb / 7P
MULTITASK PHOTOELECTRIC SENSORS
2024-02-29 11:24:42
27270904 SICK-27270904 Datasheet
431Kb / 7P
MULTITASK PHOTOELECTRIC SENSORS
2024-02-29 11:24:42
More results

Similar Description - 2727R

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
Toroidal Power Inductors
logo
API Delevan
2020-00K API-2020-00K Datasheet
190Kb / 1P
Radial Toroidal Inductors
4445-01M API-4445-01M Datasheet
39Kb / 1P
Radial Toroidal Inductors
2020R API-2020R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445R API-4445R_10 Datasheet
1Mb / 1P
Radial Toroidal Inductors
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
LOWCOST POWER INDUCTORS Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
TOROIDAL INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com