Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1302 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1302
Description  8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1302 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1302_12 Datasheet HTML 17Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 18Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 19Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 20Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 21Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 22Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 23Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 24Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Start Bit
Communication with the MAX1302 is accomplished
using the three input data word formats shown in
Table 3. Each input data word begins with a start bit.
The start bit is defined as the first high bit clocked into
DIN with CS low when any of the following are true:
• Data conversion is not in process and all data from
the previous conversion has clocked out of DOUT.
• The device is configured for operation in external
clock mode (mode 0) and previous conversion-result
bits B15–B3 have clocked out of DOUT.
• The device is configured for operation in external
acquisition mode (mode 1) and previous conversion-
result bits B15–B7 have clocked out of DOUT.
• The device is configured for operation in internal
clock mode, (mode 2) and previous conversion-
result bits B15–B4 have clocked out of DOUT.
Output Data Format
Output data is clocked out of DOUT in offset binary for-
mat on the falling edge of SCLK, MSB first (B15). For
output binary codes, see the
Transfer Function section
and Figures 12, 13, and 14.
Configuring Analog Inputs
Each analog input has two configurable parameters:
• Single-ended or true-differential input
• Input voltage range
These parameters are configured using the analog input
configuration byte as shown in Table 2. Each analog
input has a dedicated register to store its input configura-
tion information. The timing diagram of Figure 15 shows
how to write to the analog input configuration registers.
Figure 16 shows DOUT and SSTRB timing.
Transfer Function
An ADC’s transfer function defines the relationship
between the analog input voltage and the digital output
code. Figures 12, 13, and 14 show the MAX1302 transfer
functions. The transfer function is determined by the fol-
lowing characteristics:
• Analog input voltage range
• Single-ended or differential configuration
• Reference voltage
The axes of an ADC transfer function are typically in least
significant bits (LSBs). For the MAX1302, an LSB is calcu-
lated using the following equation:
where N is the number of bits (N = 16) and FSR is the
full-scale range (see Figures 7 and 8).
1
2
4 096
.
LSB
FSR
V
V
REF
N
=
×
×
8-Channel, ±VREF Multirange Inputs,
Serial 16-Bit ADC
______________________________________________________________________________________
21
INPUT VOLTAGE (V)
6
4
2
0
-2
-4
-6
-4
-2
0
2
4
6
-6
-8
8
VREF = 4.096V
Figure 9. Common-Mode Voltage vs. Input Voltage (FSR = VREF)
INPUT VOLTAGE (V)
6
4
2
0
-2
-4
-6
-4
-2
0
2
4
6
-6
-8
8
VREF = 4.096V
Figure 10. Common-Mode Voltage vs. Input Voltage (FSR = 2 x
VREF)
INPUT VOLTAGE (V)
6
4
2
0
-2
-4
-6
-4
-2
0
2
4
6
-6
-8
8
VREF = 4.096V
Figure 11. Common-Mode Voltage vs. Input Voltage (FSR = 4 x
VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com