Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3090R Datasheet(PDF) 1 Page - API Delevan

Part # 3090R
Description  Micro i짰 Low Profile Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

3090R Datasheet(HTML) 1 Page - API Delevan

  3090R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 3090R
3090
Micro i® Low Profile Chip Inductors
Physical Parameters
Inches
Millimeters
A
0.050 Max.
1.27 Max.
B
0.100±0.010
2.54±0.254
C
0.100±0.010
2.54±0.254
D
0.050 Min.
1.27 Min.
E
0.015 Min. (Typ.)
0.38 Min. (Typ.)
F
0.020 Max. (Typ.)
0.51 Max. (Typ.)
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 90°C 0.105 W
Core Material Powdered iron core for improved
temperature stability.
Mechanical Configuration Units are epoxy
encapsulated. Contact area for reflow soldering are gold
plated per MIL-G-45204 Type 1 Grade A. Internal
connections are thermal compression bonded.
Termination Finish Options
Standard: Gold over Nickel.
For Tin/Lead over Nickel: Add suffix “S” to part number and
allow an additional .010 inch for maximum height. For
RoHS, order 3090R - XXXKS.
Notes 1) Designed specifically for reflow soldering and
other high temperature processes with metalized edges to
exhibit solder fillet.
2) Self Resonant Frequency (SRF)
values 250 MHz and above are calculated and for
reference only.
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.;
13" reel, 8000 pieces max.
MIL-PRF-83446 (Reference) for testing methods only.
Made in the U.S.A.
SERIES 3090 IRON CORE
-100M
-150M
-220M
-330K
-390K
-470K
-560K
-680K
-820K
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
890
810
765
640
870
830
750
690
630
970
870
795
765
690
615
550
500
460
410
390
355
330
265
250
245
240
225
200
180
160
145
135
130
120
0.095
0.115
0.140
0.185
0.100
0.110
0.135
0.16
0.19
0.08
0.10
0.12
0.14
0.16
0.20
0.25
0.30
0.36
0.45
0.50
0.60
0.70
1.10
1.20
1.25
1.30
1.50
1.90
2.30
3.00
3.50
4.00
4.50
5.00
1000
1000
1000
900
900
900
800
700
650
510
410
370
330
300
250
220
200
180
160
140
120
100
95
90
85
80
70
65
60
55
53
50
45
40
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
42
42
40
40
40
38
35
30
25
32
32
32
32
34
34
34
34
34
34
30
28
24
24
24
24
25
25
25
25
24
22
22
22
20
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
0.010
0.015
0.022
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/22/10 10:25 AM Page 11


Similar Part No. - 3090R

ManufacturerPart #DatasheetDescription
logo
Heyco.
3090 HEYCO-3090 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3090 ABBATRON-3090 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
3090 ADAFRUIT-3090 Datasheet
701Kb / 2P
Adafruit 8x16 LED Matrix FeatherWing w/o Matrices
logo
Keystone Electronics Co...
3090 KEYSTONE-3090 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
3090-3 ETC2-3090-3 Datasheet
73Kb / 1P
HANDLE
More results

Similar Description - 3090R

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCLP05-1R2M-RC ALLIED-PCLP05-1R2M-RC Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP10-1R0M-RC ALLIED-PCLP10-1R0M-RC Datasheet
775Kb / 1P
Power Chip Low Profile Inductors
logo
API Delevan
100R API-100R_10 Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
Power Micro i짰 Chip Inductors
100R-392F API-100R-392F Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
logo
Allied Components Inter...
PCLP05 ALLIED-PCLP05 Datasheet
380Kb / 1P
Power Chip Low Profile Inductors
PCLP20 ALLIED-PCLP20 Datasheet
333Kb / 1P
Power Chip Low Profile Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com