Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3483R Datasheet(PDF) 1 Page - API Delevan

Part # 3483R
Description  Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

3483R Datasheet(HTML) 1 Page - API Delevan

  3483R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 3483R
S3483R
Surface Mount Power Inductors
Physical Parameters
Inches
Millimeters
A
0.276 to 0.299
7.0 to 7.6
B
0.114 to 0.138
2.9 to 3.5
C
0.276 to 0.299
7.0 to 7.6
D
0.067 to 0.091
1.7 to 2.3
E
0.201 to 0.224
5.1 to 5.7
F
0.033 Nom.
0.85 Nom.
F = Electrode Thickness
Current Rating
The DC where inductance value decreases 10% or where
the temperature rise is 40°C max.
Operating Temperature Range –20°C to +80°C
Marking Printed with the last three numbers of the
Delevan Part Number (i.e. 101)
Electrical Characteristics (Initial) @ 25°C
Marking Components are marked with three characters.
In the instance of two digits and a letter R, the R indicates
a decimal point and the remaining digits indicates the
inductance in H. When three digits are present, the first
two digits indicate the inductance in H and the third digit
indicates the number of trailing zeros where a zero
indicates that there are no trailing zeros.
Example: 3483R-1R5M (1.5 H)
1R5
Example: S3483R-101M (100 H)
101
Packaging Tape and Reel
(16mm): 13" reel, 1000 pieces max.; 7" reel not available.
SERIES 3483 - UNSHIELDED FERRITE CORE
-1R0M
-1R5M
-2R2M
-3R3M
-4R7M
-6R8M
-100M
-120M
-150M
-180M
-220M
-270M
-330M
-390M
-470M
-560M
-680M
-820M
-101M
SERIES S3483 - SHIELDED FERRITE CORE & SLEEVE
-1R0M
-1R5M
-2R2M
-3R3M
-4R7M
-6R8M
-100M
-120M
-150M
-180M
-220M
-270M
-330M
-390M
-470M
-560M
-680M
-820M
-101M
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
2.88
2.67
2.40
2.08
1.92
1.60
1.41
1.28
1.12
1.00
0.93
0.80
0.72
0.66
0.59
0.55
0.49
0.44
0.38
3.12
2.85
2.66
2.26
1.96
1.76
1.34
1.23
1.09
0.99
0.90
0.81
0.72
0.67
0.60
0.55
0.50
0.46
0.41
0.022
0.026
0.032
0.041
0.049
0.067
0.085
0.100
0.130
0.160
0.180
0.240
0.290
0.340
0.410
0.480
0.600
0.710
0.950
0.019
0.023
0.028
0.035
0.043
0.055
0.080
0.090
0.120
0.130
0.150
0.210
0.250
0.310
0.350
0.430
0.520
0.600
0.790
1.0
1.5
2.2
3.3
4.7
6.8
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
1.0
1.5
2.2
3.3
4.7
6.8
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 10:15 AM Page 71


Similar Part No. - 3483R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3483 ETC2-3483 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
3483 ETC2-3483 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
3483 ETC2-3483 Datasheet
93Kb / 2P
THREADED STANDOFFS
logo
Heyco.
3483 HEYCO-3483 Datasheet
106Kb / 1P
Beaded Ties
logo
Keystone Electronics Co...
3483 KEYSTONE-3483 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
More results

Similar Description - 3483R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com