Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4214R Datasheet(PDF) 1 Page - API Delevan

Part # 4214R
Description  Wound Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4214R Datasheet(HTML) 1 Page - API Delevan

  4214R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4214R
4214
Wound Beads
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4214R / 4214
-2
-4
350
350
280
270
590
1100
450
650
370
700
2 1/2 x2
4 1/2
1-5
1-6
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
MINIMUM IMPEDANCE
Wide Band Chokes 10 hole ferrite slugs, made in API-2 Material, with
2x 2.5 or 4.5 turns of tinned copper wire.
Applications Interference suppression
Physical Parameters
Inches
Millimeters
Length
0.388 to 0.402
9.98 to 10.02
Diameter
0.388 to 0.402
9.98 to 10.02
Lead Size
AWG #24 TCW
0.0185 to 0.0215
0.47 to 0.55
A
0.14 Max.
3.55 Max.
B
1.10 Min.
28.0 Min.
Impedances measured on HP 4191A Impedance Analyzer.
High resistivity ferrite material eliminates the need to insulate windings.
Lead Wire Plated copper
Packaging Bulk only
For more detailed graphs, contact factory
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 4:04 PM Page 117


Similar Part No. - 4214R

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4214 FILTRONIC-4214 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
4214 APITECH-4214 Datasheet
195Kb / 3P
POWER DIVIDERS
logo
Heyco.
4214 HEYCO-4214 Datasheet
153Kb / 1P
Cable Holders - Adhesive Back Mount
More results

Similar Description - 4214R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4212-1 ETC1-4212-1 Datasheet
40Kb / 1P
Wound Beads
logo
Fair-Rite Products Corp...
2644666611 FAIR-RITE-2644666611 Datasheet
629Kb / 2P
Wound Beads
2644777711 FAIR-RITE-2644777711 Datasheet
627Kb / 2P
Wound Beads
2661666611 FAIR-RITE-2661666611 Datasheet
628Kb / 2P
Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
Wound Beads
2944666651 FAIR-RITE-2944666651_18 Datasheet
637Kb / 2P
Wound Beads
2944777741 FAIR-RITE-2944777741_18 Datasheet
639Kb / 3P
Wound Beads
2961666634 FAIR-RITE-2961666634_18 Datasheet
598Kb / 2P
Wound Beads
2961666651 FAIR-RITE-2961666651_18 Datasheet
632Kb / 2P
Wound Beads
2961666661 FAIR-RITE-2961666661_18 Datasheet
637Kb / 2P
Wound Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com