Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4302R Datasheet(PDF) 1 Page - API Delevan

Part # 4302R
Description  Temperature Stable (1008 size) Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4302R Datasheet(HTML) 1 Page - API Delevan

  4302R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4302R
4302
Temperature Stable for critical conditions
Physical Parameters
Inches
Millimeters
A
0.095 to 0.115
2.41 to 2.92
B
0.085 to 0.105
2.16 to 2.66
C
0.075 to 0.095
1.91 to 2.41
D
0.010 to 0.030
0.26 to 0.76
E
0.040 to 0.060
1.02 to 1.52
F
0.060 (Ref. only)
1.52 (Ref. only)
G
0.045 (Ref. only)
1.14 (Ref. only)
Dimensions “A” and “C” are over terminals.
Weight Max. (Grams) 0.1
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.208 W
Note For applications requiring improved characteristics
over typical ferrite core inductors of the same size. See
1008 Series for values lower
than 0.12µH.
Marking SMD; dash number with tolerance letter; date
code (YYWWL). Note: An R before the date code indicates
a RoHS component.
Example: 4302-272K
SMD
272K
0422B
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.;
13" reel, 7000 pieces max.
Made In the U.S.A.
SERIES 4302 POWDERED IRON CORE
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Temperature Stable (1008 size)
Surface Mount Inductors
1075
1000
955
925
890
865
825
790
710
685
540
520
500
455
430
345
305
285
265
255
225
205
195
180
140
125
115
110
105
0.130
0.150
0.165
0.175
0.190
0.200
0.220
0.240
0.295
0.320
0.510
0.550
0.600
0.730
0.800
1.25
1.60
1.85
2.10
2.30
3.00
3.50
4.00
4.50
7.50
9.00
11.00
12.00
13.00
400
375
325
270
240
180
160
130
115
105
95
80
75
70
60
50
45
40
35
30
26
22
20
18
16
14
12
11
10
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
40
40
40
40
40
40
40
40
40
40
40
30
30
30
30
30
30
30
30
30
30
30
30
30
20
20
20
20
20
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
For more detailed graphs, contact factory
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 3:14 PM Page 17


Similar Part No. - 4302R

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4302 PEREGRINE-4302 Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Mallory performance clu...
4302 MALLORY-4302 Datasheet
81Kb / 2P
RETURN LOG
logo
Adafruit Industries
4302 ADAFRUIT-4302 Datasheet
601Kb / 2P
Official Raspberry Pi Micro HDMI to HDMI Cable - 1 meter long
7-16-19
logo
Peregrine Semiconductor...
4302-00 PEREGRINE-4302-00 Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
4302-02 PEREGRINE-4302-02 Datasheet
456Kb / 11P
50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
More results

Similar Description - 4302R

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
Surface mount inductors
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL322522 BITECH-BCL322522 Datasheet
224Kb / 2P
1210 Industry Size Surface Mount Inductors
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
1812 Industry Size Surface Mount Inductors
BCL565050 BITECH-BCL565050 Datasheet
224Kb / 2P
2220 Industry Size Surface Mount Inductors
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
Surface Mount Inductors
logo
CAMBION Electronic Comp...
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 1008 package
logo
XFMRS Inc.
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com