Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4307R Datasheet(PDF) 1 Page - API Delevan

Part # 4307R
Description  Molded Shielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4307R Datasheet(HTML) 1 Page - API Delevan

  4307R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4307R
4307
Molded Shielded RF Coils
Test Methods MIL-PRF-15305 test methods only.
MS75089-24 to MS75089-40, reference;
MS90537-50 to MS90537-66, reference.
Mechanical Configuration Units are axial leaded,
encapsulated in an epoxy molded case. Core and sleeve
are both of ferrite material.
Physical Parameters
Inches
Millimeters
Length
0.427 to 0.447
10.85 to 11.35
Diameter
0.177 to 0.197
4.496 to 5.004
Lead Size
AWG #22 TCW
0.023 to 0.027
0.584 to 0.686
Lead Length
1.320 to 1.560
33.53 to 39.62
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature –-55°C to +125°C
Power Dissipation at 90°C 0.385 W
Coupling 3% Max.
** Note Incremental Current is the D.C. current required to
decrease the inductance a maximum of 5%.
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 4307-336J
Front:
Reverse:
DELEVAN
33mH±5%
33mH±5%
0839A
SERIES 4307 FERRITE CORE AND SLEEVE
-125K
-155K
-185K
-225K
-275K
-335K
-395K
-475K
-565K
-685K
-825K
-106K
-126K
-156K
-186K
-226K
-276K
-336K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Optional Tolerances:
J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
35
33
30
27
25
22
20
19
17
16
15
14
13
12
10
9
8
7.5
115
110
105
99
83
80
67
63
56
54
52
49
46
45
41
33
31
29
22.1
26.5
29.9
33.8
47.3
53.0
73.8
81.6
98.9
111.0
119.0
137.0
143.0
157.0
225.0
274.0
308.0
343.0
3.00
2.80
2.60
2.40
2.20
2.00
1.90
1.70
1.60
1.40
1.20
1.00
0.80
0.60
0.55
0.50
0.40
0.40
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.079
0.079
0.079
0.079
0.079
0.079
50
50
50
50
50
50
50
50
50
50
50
50
30
30
30
27
27
27
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
Packaging Tape & reel: 12" reel, 2500 pieces max.; 14" reel,
3000 pieces max.
Made in the U.S.A.
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/25/10 10:11 AM Page 51


Similar Part No. - 4307R

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4307 PEREGRINE-4307 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Adafruit Industries
4307 ADAFRUIT-4307 Datasheet
1Mb / 2P
Slice Auto-Retractable Pen Cutter with Ceramic Blade
7-26-19
logo
Bahco
4307 BAHCO-4307 Datasheet
77Kb / 1P
Pin Spanners Adjustable
logo
Peregrine Semiconductor...
4307-00 PEREGRINE-4307-00 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
4307-01 PEREGRINE-4307-01 Datasheet
547Kb / 11P
75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
More results

Similar Description - 4307R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1641-101K ETC1-1641-101K Datasheet
44Kb / 1P
Molded Shielded RF Coils
logo
API Delevan
0925-101K API-0925-101K Datasheet
49Kb / 1P
Molded Shielded RF Coils
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1641-101K API-1641-101K Datasheet
51Kb / 1P
Molded Shielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0925R API-0925R_10 Datasheet
1Mb / 1P
Molded Shielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1641R API-1641R_10 Datasheet
1Mb / 1P
Molded Shielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com