Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4426R Datasheet(PDF) 1 Page - API Delevan

Part # 4426R
Description  Air Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4426R Datasheet(HTML) 1 Page - API Delevan

  4426R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
Size A
Size A
Size B in.
Size B
in.
mm
in.
mm
A Max 0.120
3.05
0.120
3.05
B Max 0.125
3.18
0.125
3.18
C Max 0.145
3.68
0.270
6.86r
D
0.115±.010 2.92±.25
0.230±.010
5.84±.25
E
0.05±.015
1.27±.38
0.05±.015
1.27±.38
F
0.165
4.19
0.285
7.23
G
0.110
2.79
0.110
2.79
H
0.130
3.30
0.130
3.30
I
0.050
1.27
0.050
1.27
J
0.065
1.65
0.185
4.69
High Q, wire wound air cores Designed to operate over
a wide frequency range. Standard flat cap top is suitable
for automatic placement.
*Ordering Suffix the dash number with RC to order
optional water dissolvable flat top cap for applications
requiring hand adjustment. The cap allows the part to be
pick and placed onto the PCB, and will dissolve in almost
all board cleaning solvents, leaving no residue. Suffix the
dash number with NC to order option with
no cap, for manual placement.
Operating Temperature Range –55°C to +125°C
Packaging Tape & reel
Size A, (12mm): 7" reel, 650 pieces max.; 13" reel,
2500 pieces max.;
Size B, (16mm): 7" reel, 400 pieces max.; 13" reel,
1400 pieces max.
SERIES 4426R
4426
Air Core Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4426
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
1
2
3
4
5
6
7
8
9
11
2.5±10%
5.0±10%
8.0±5%
12.5±5%
18.5±5%
17.5±5%
22.0±5%
28.0±5%
35.5±5%
43.0±5%
145
140
140
137
132
100
102
105
112
106
150
150
150
150
150
150
150
150
150
150
>3
>3
>3
>3
>3
>3
>3
2.6
1.8
1.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
A
A
A
A
A
B
B
B
B
B
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 10:44 AM Page 34


Similar Part No. - 4426R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-001A ETC2-4426-001A Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
4426-001G ETC2-4426-001G Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
4426-005A ETC2-4426-005A Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
4426-005G ETC2-4426-005G Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
4426-015A ETC2-4426-015A Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
More results

Similar Description - 4426R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
5526R API-5526R Datasheet
1Mb / 1P
Air Core Inductors
logo
Coilcraft lnc.
AT392RAS COILCRAFT-AT392RAS Datasheet
452Kb / 2P
240째C Air Core Inductors
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
200째C Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com