Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4448R Datasheet(PDF) 1 Page - API Delevan

Part # 4448R
Description  Surface Mount High Current Power Toroids
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4448R Datasheet(HTML) 1 Page - API Delevan

  4448R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4448R
4448
Surface Mount High Current Power Toroids
Test Methods Solderability per MIL-STD-202, Method 208.
Inductance tested at 10 kHz and zero Amp DC. Tested at 25°C
Mechanical Configuration A flat top surface mount case with
excellent coplanarity of terminals.
Physical Parameters
Inches
Millimeters
A
0.390 to 0.410
9.91 to 10.41
B
0.520 to 0.540
13.21 to 13.71
C
0.115 to 0.135
2.92 to 3.43
D
0.480 to 0.500
12.19 to 12.70
E
0.310 Max.
7.87 Max.
F
0.020 to 0.040
0.51 to 1.02
G
0.060 (Ref. only)
1.52 (Ref. only)
Electrical Configuration Two inductors per unit;
internal terminals: #1(start) – #2(finish) &
#4(start) – #3 (finish).
Series Externally connect #2 to #4.
Parallel Externally connect #1 to # 4 and # 2 to # 3.
Operating Temperature Range –55°C to +125°C
Rated DC Current Based upon 20°C temperature rise from
25°C ambient.
Maximum Power Dissipation at 25°C 0.313 Watts
Inductance Tolerance Tolerance is specified by suffixing an
alpha character to the part number as follows: K = 10%, L =
15%. M = 20%. Units are normally supplied to the tolerance
indicated in the tables.
Marking Delevan; inductance and tolerance. A white dot
indicates the location of pin 1.
Example: 4448-102M
DELEVAN
.47uH±20%
Weight (Grams) 2.5 (Ref.)
Inductance at Rated DC Current Minimum percent of
measured zero Amp DC Inductance.
-02M to -34L = 60%; -102M to134L = 50%
Packaging Tape & reel (24mm):
13" reel, 350 pieces max.; 7" reel not available
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4448 POWDERED IRON CORE
-02M
-04M
-06M
-08M
-10M
-12M
-14L
-16L
-18L
-20L
-22L
-24L
-26L
-28L
-30L
-32L
-34L
SERIES 4448 FERROUS ALLOY CORE
-102M
-104M
-106M
-108M
-110M
-112M
-114L
-116L
-118L
-120L
-122L
-124L
-126L
-128L
-130L
-132L
-134L
3.95
3.60
2.95
2.30
1.65
1.50
1.25
1.15
0.95
0.80
0.65
0.60
0.55
0.36
0.32
0.30
0.27
3.95
3.50
3.25
2.95
2.20
1.75
1.70
1.50
1.05
1.00
0.90
0.75
0.60
0.46
0.41
0.32
0.31
0.020
0.024
0.036
0.056
0.108
0.132
0.188
0.228
0.340
0.464
0.664
0.808
0.952
2.260
2.784
3.240
4.012
0.016
0.020
0.024
0.028
0.056
0.076
0.080
0.096
0.220
0.254
0.288
0.444
0.632
1.212
1.488
2.180
2.688
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
2.00
3.00
4.00
8.00
20.0
32.0
40.0
60.0
80.0
100
132
200
272
400
600
800
1200
2.00
3.00
4.00
8.00
20.0
32.0
40.0
60.0
80.0
100
132
200
272
400
600
800
1200
0.005
0.006
0.009
0.014
0.027
0.033
0.047
0.057
0.085
0.116
0.166
0.202
0.238
0.565
0.696
0.810
1.003
0.004
0.005
0.006
0.007
0.014
0.019
0.020
0.024
0.055
0.064
0.072
0.111
0.158
0.303
0.372
0.545
0.672
7.90
7.20
5.90
4.60
3.30
3.00
2.50
2.30
1.90
1.60
1.30
1.20
1.10
0.72
0.64
0.60
0.54
7.90
7.00
6.50
5.90
4.40
3.50
3.40
3.00
2.10
2.00
1.80
1.50
1.20
0.92
0.82
0.64
0.62
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
0.47
0.68
1.00
2.00
5.00
8.00
10.0
15.0
20.0
25.0
33.0
50.0
68.0
100
150
200
300
0.47
0.68
1.00
2.00
5.00
8.00
10.0
15.0
20.0
25.0
33.0
50.0
68.0
100
150
200
300
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 9:36 AM Page 76


Similar Part No. - 4448R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4448 FESTO-4448 Datasheet
105Kb / 1P
Air solenoid valve
logo
Adafruit Industries
4448 ADAFRUIT-4448 Datasheet
1Mb / 2P
USB Type A Plug Breakout Cable with Premium Female Jumpers 30cm long
logo
Tyco Electronics
444817-000 MACOM-444817-000 Datasheet
652Kb / 24P
RAYCHEM Tubing Products
logo
Molex Electronics Ltd.
44485-1211 MOLEX6-44485-1211 Datasheet
273Kb / 4P
Mini-Fit짰 Crimp Terminal, 18-24 AWG, Reel, Phosphor Bronze, Select Gold (Au)
44485-1211 MOLEX-44485-1211 Datasheet
160Kb / 2P
HIGH CYCL`G TERM FEM CRIMP, MINI-FIT JR. BLANK-PLATE-FORM
08/08/94
More results

Similar Description - 4448R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
High Current Surface Mount Power Inductors
8532-01L ETC1-8532-01L Datasheet
33Kb / 1P
High Current Surface Mount Power Inductors
logo
API Delevan
CMT4545 API-CMT4545 Datasheet
40Kb / 1P
Surface Mount Toroids
logo
Central Technologies
CTSPT-H CT-CTSPT-H Datasheet
204Kb / 1P
Toroids - Surface Mount
CTSPT-L CT-CTSPT-L Datasheet
204Kb / 1P
Toroids - Surface Mount
CT30F-100K-K CT-CT30F-100K-K Datasheet
195Kb / 2P
High Current Power Toroids
logo
API Delevan
4501R API-4501R Datasheet
1Mb / 1P
Surface Mount Low-Profile Power Toroids
4922R API-4922R Datasheet
1Mb / 1P
Surface Mount High Current Power Inductors
8532R API-8532R Datasheet
1Mb / 1P
High Current Surface Mount Power Inductors
8532-46K API-8532-46K Datasheet
1Mb / 1P
High Current Surface Mount Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com