Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4212-3 Datasheet(PDF) 1 Page - API Delevan

Part # 4212-3
Description  Wound Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4212-3 Datasheet(HTML) 1 Page - API Delevan

  4212-3 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4212R
4212
Wound Beads
Physical Parameters
Inches
Millimeters
Length
0.374 to 0.414
9.50 to 10.51
Diameter
0.216 to 0.256
5.48 to 6.35
Lead Size
AWG #24 TCW
0.0185 to 0.0215
0.47 to 0.55
A
0.12 Max.
3.05 Max.
B
1.10 Min.
28.0 Min.
Impedances measured on HP 4191A Impedance Analyzer.
High resistivity ferrite material eliminates the need to insulate windings.
Lead Wire Plated copper
Packaging Bulk only
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
MINIMUM IMPEDANCE
SERIES 4212R / 4212
-1
-2
-3
-4
-5
-6
-7
-8
—
—
400
—
600
—
600
—
400
—
—
—
—
—
—
—
700
525
—
—
—
—
—
—
750
575
425
375
600
480
900
550
—
—
325
320
525
520
950
800
—
325
—
170
—
240
—
400
2 1⁄2
2 1⁄2
1 1⁄2
1 1⁄2
2
2
3
3
1–3
1–3
1–1
1–1
1–2
1–2
1–4
1–4
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
For more detailed graphs, contact factory
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 4:04 PM Page 116


Similar Part No. - 4212-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4212-3 ETC1-4212-3 Datasheet
40Kb / 1P
Wound Beads
More results

Similar Description - 4212-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4212-1 ETC1-4212-1 Datasheet
40Kb / 1P
Wound Beads
logo
API Delevan
4214R API-4214R Datasheet
2Mb / 1P
Wound Beads
logo
Fair-Rite Products Corp...
2644666611 FAIR-RITE-2644666611 Datasheet
629Kb / 2P
Wound Beads
2644777711 FAIR-RITE-2644777711 Datasheet
627Kb / 2P
Wound Beads
2661666611 FAIR-RITE-2661666611 Datasheet
628Kb / 2P
Wound Beads
2944666634 FAIR-RITE-2944666634_18 Datasheet
603Kb / 2P
Wound Beads
2944666651 FAIR-RITE-2944666651_18 Datasheet
637Kb / 2P
Wound Beads
2944777741 FAIR-RITE-2944777741_18 Datasheet
639Kb / 3P
Wound Beads
2961666634 FAIR-RITE-2961666634_18 Datasheet
598Kb / 2P
Wound Beads
2961666661 FAIR-RITE-2961666661_18 Datasheet
637Kb / 2P
Wound Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com