Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4501R Datasheet(PDF) 1 Page - API Delevan

Part # 4501R
Description  Surface Mount Low-Profile Power Toroids
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4501R Datasheet(HTML) 1 Page - API Delevan

  4501R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4501R
4501
Surface Mount Low-Profile Power Toroids
Test Methods Solderability per MIL-STD-202, Method
208. Inductance tested @ 10 kHz and zero Amps DC.
Tested at 25°C.
Mechanical Configuration A flat top surface mount case
with excellent coplanarity of terminals.
Physical Parameters
Inches
Millimeters
A
0.285 ± 0.010
7.24 ± 0.25
B
0.360 ± 0.010
9.14 ± 0.25
C
0.060 ± 0.010
1.52 ± 0.25
D
0.350 ± 0.010
8.90 ± 0.25
E
0.200 ± 0.010
5.08 ± 0.25
F
0.025 ± 0.010
0.64 ± 0.25
G
0.040 (Ref.)
1.02 (Ref.)
Electrical Configuration Two inductors per unit;
internal terminals: #1(start) – #2(finish) &
#4(start) – #3 (finish).
Series Externally connect #2 to #4.
Parallel Externally connect #1 to # 4 and # 2 to # 3.
Operating Temperature Range –55°C to +125°C
Rated DC Current Based upon 20°C temperature rise
from 25°C ambient.
Maximum Power Dissipation at 25°C 0.230 Watts
Inductance Tolerance Tolerance is specified by suffixing
an alpha character to the part number as follows: K = 10%,
L = 15%. M = 20%. Units are normally supplied to the
tolerance indicated in the tables.
Marking Delevan; inductance and tolerance. A white dot
indicates the location of pin 1. Note: RoHS component
components will be marked with 4501R.
Example: 4501-102
DELEVAN
.47uH±20%
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4501 FERROUS ALLOY CORE
Parallel Connected Specifications
-102M
-104M
-106M
-108M
-110M
-112M
-114M
-116M
-118M
-120M
-122M
-124M
-126M
-128M
-130M
-132M
-134M
0.30
0.40
0.60
1.20
3.00
4.80
6.00
9.50
12.0
15.0
20.0
30.0
40.0
60.0
90.0
120.0
180.0
0.47
0.68
1.00
2.00
5.00
8.00
10.0
15.0
20.0
25.0
33.0
50.0
68.0
100.0
150.0
200.0
300.0
6.50
5.50
5.00
4.50
3.00
2.70
2.50
1.70
1.50
1.40
1.40
0.95
0.80
0.65
0.60
0.45
0.40
0.005
0.006
0.008
0.010
0.020
0.025
0.030
0.060
0.080
0.090
0.105
0.200
0.300
0.400
0.550
0.750
1.100
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Series Connected Specifications
Inductance Four (4) times parallel inductance specifications.
DCR Four (4) times parallel DCR specifications.
Rated DC Current minimum One-half of parallel Rated DC Current
specifications.
Packaging Tape & reel (24mm):
13" reel, 600 pieces max.; 7" reel not available
Weight (Grams) 1.0 (Ref.)
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 9:33 AM Page 75


Similar Part No. - 4501R

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4501 WELWYN-4501 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
logo
Renesas Technology Corp
4501 RENESAS-4501 Datasheet
844Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4501 RENESAS-4501 Datasheet
2Mb / 212P
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4501 TTELEC-4501 Datasheet
432Kb / 3P
customs design service available
4501 TTELEC-4501 Datasheet
449Kb / 3P
High Voltage Planar Resistors
More results

Similar Description - 4501R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CMT4545 API-CMT4545 Datasheet
40Kb / 1P
Surface Mount Toroids
logo
Central Technologies
CTSPT-H CT-CTSPT-H Datasheet
204Kb / 1P
Toroids - Surface Mount
CTSPT-L CT-CTSPT-L Datasheet
204Kb / 1P
Toroids - Surface Mount
logo
API Delevan
LP404R-R36M API-LP404R-R36M Datasheet
281Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
LP5035R-R15M API-LP5035R-R15M Datasheet
282Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
CAMBION Electronic Comp...
555-8064 CAMBION-555-8064 Datasheet
46Kb / 2P
Surface mount power inductors, 7mm low profile
logo
API Delevan
4448R API-4448R Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
LP4040R API-LP4040R_10 Datasheet
173Kb / 1P
Commercial Low Profile Surface Mount Power Inductors
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
Low profile surface mount
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
LOW PROFILE SURFACE MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com