Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4590R Datasheet(PDF) 1 Page - API Delevan

Part # 4590R
Description  High Current Filter Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4590R Datasheet(HTML) 1 Page - API Delevan

  4590R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
SERIES 4590R
4590
High Current Filter Inductors
Physical Parameters
Inches
Millimeters
Length
0.900 Max.
22.86 Max.
Diameter
0.455 Max.
11.55 Max.
Lead Size
AWG #20 TCW
0.032 ± 0.002
0.813 ± 0.05
Lead Length
1.10 Min.
27.94 Min.
Operating Temperature
–55°C to +125°C
–55°C to +85°C @ full rated current
Current Rating at 85°C Ambient 40°C Rise
Maximum Power Dissipation at 85°C 0.70 W
Dielectric Withstanding Voltage 2500 V RMS
Incremental Current The current which will decrease the
inductance by approximately 5%.
Inductance Measurement Inductance is measured @ 1 kHz
with 1 VAC open circuit and 0 dc bias.
Inductance Tolerance Tolerance is specified by suffixing an
alpha character to the part number as follows: J = 5%, K =
10%, and L = 15%. Units are normally supplied to the
tolerance indicated in table.
High Saturation Bobbin allows for high inductance
with low DCR.
High Resistivity Core offers very high parallel resistance,
resulting in maximum coil performance.
4590 Marking DELEVAN; inductance; tolerance.
4590R Marking DELEVAN; 4590R; dash number with
tolerance letter.
Example: 4590-393K
DELEVAN
39 uH
±10%
Example: 4590R-393K
DELEVAN
4590R
393K
Packaging Bulk only
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4590 FERRITE CORE
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
-684K
-824K
-105K
-125K
-155K
-185K
-225K
-275K
-335K
-395K
-475K
-565K
-685K
-825K
-106K
-126K
-156K
-186K
-226K
-276K
-336K
-396K
-476K
-566K
-686K
-826K
-107K
8.2
7.5
6.9
6.3
5.7
5.2
4.7
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.6
1.4
1.3
1.2
1.1
0.95
0.88
0.80
0.74
0.67
0.61
0.56
0.51
0.46
0.42
0.38
0.34
0.31
0.29
0.26
0.24
0.22
0.20
0.18
0.17
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.07
0.06
9.75
9.11
7.77
7.60
7.15
6.44
6.07
5.76
5.49
5.26
5.15
4.87
4.63
4.45
3.93
3.355
3.175
2.815
2.43
2.27
2.105
2.025
1.715
1.61
1.52
1.30
1.15
1.08
1.015
0.89
0.825
0.75
0.665
0.615
0.56
0.51
0.48
0.415
0.395
0.34
0.32
0.30
0.265
0.25
0.21
0.19
0.17
0.16
0.15
0.14
0.13
0.11
0.10
0.09
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
0.007
0.008
0.011
0.011
0.013
0.016
0.018
0.020
0.022
0.024
0.025
0.028
0.031
0.034
0.043
0.059
0.066
0.084
0.113
0.129
0.150
0.162
0.226
0.257
0.288
0.393
0.504
0.570
0.643
0.844
0.977
1.18
1.50
1.76
2.13
2.53
2.84
3.79
4.24
5.75
6.44
7.30
9.34
10.7
14.8
18.0
22.7
25.7
29.7
33.7
38.0
52.8
67.3
76.0
Optional Tolerances:
J = 5% L = 15%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 12:18 PM Page 95


Similar Part No. - 4590R

ManufacturerPart #DatasheetDescription
logo
API Delevan
4590R-476J API-4590R-476J Datasheet
1Mb / 1P
High Current Filter Inductors
More results

Similar Description - 4590R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IH-15 VISHAY-IH-15 Datasheet
55Kb / 1P
MODEL IH FILTER INDUCTORS HIGH CURRENT
logo
List of Unclassifed Man...
4590-392K ETC1-4590-392K Datasheet
29Kb / 1P
High Current Filter Inductors
logo
Vishay Siliconix
IHV VISHAY-IHV Datasheet
84Kb / 3P
Filter Inductors, High Current
21-Apr-06
logo
API Delevan
4590R-476J API-4590R-476J Datasheet
1Mb / 1P
High Current Filter Inductors
logo
Vishay Siliconix
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
Filter Inductors, High Current, Axial Leaded
07-Aug-12
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com