Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5022R Datasheet(PDF) 1 Page - API Delevan

Part # 5022R
Description  Surface Mountable Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

5022R Datasheet(HTML) 1 Page - API Delevan

  5022R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to 0.095
1.397 to 2.413
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Weight Max. (Grams) 1.5
Mechanical Configuration Units are encapsulated in an
epoxy molded surface mount package.
Operating Temperature Range –55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.405 W
Marking API/SMD; 5022; inductance with units and
tolerance; date code (YYWWL). Note: An R after 5022
indicates a RoHS component.
Example: 5022R-102G
API/SMD
5022R
1.0uH±2%
0542A
Packaging Tape & reel (24mm): 13" reel, 800 pieces
max.; 7" reel not available
Made In the U.S.A.
SERIES 5022R
5022
Surface Mountable Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 5022 PHENOLIC CORE
-151J
-161J
-181J
-201J
-221J
-241J
-271J
-301J
-331J
-361J
-391J
-431J
-471J
-511J
-561J
-621J
-681J
-751J
-821J
-911J
-102J
-112J
-122J
-132J
-152J
-162J
-182J
-202J
-222J
-242J
-272J
-302J
-332J
-362J
-392J
-432J
-472J
3500
3025
2915
2790
2580
2470
2285
2140
2015
1935
1915
1825
1750
1680
1645
1615
1555
1425
1300
1240
1125
930
930
875
855
780
755
675
620
575
550
455
430
415
395
390
375
0.030
0.040
0.043
0.047
0.055
0.060
0.070
0.080
0.090
0.098
0.100
0.110
0.120
0.130
0.135
0.140
0.150
0.180
0.220
0.240
0.290
0.420
0.420
0.480
0.500
0.600
0.650
0.800
0.950
1.100
1.200
1.800
2.000
2.150
2.300
2.400
2.600
525
525
500
475
450
415
400
380
360
345
330
315
310
300
280
260
250
230
220
210
200
190
180
170
160
155
150
140
135
130
120
115
110
105
100
95
90
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
45
45
45
45
45
45
45
45
45
50
50
50
50
50
50
50
33
33
33
33
33
33
33
33
33
33
33
33
33
33
33
33
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
1.00
1.10
1.20
1.30
1.50
1.60
1.80
2.00
2.20
2.40
2.70
3.00
3.30
3.60
3.90
4.30
4.70
Optional Tolerances: H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
5/2010
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 3:33 PM Page 32


Similar Part No. - 5022R

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
5022 TIME-ELECTRONICS-5022 Datasheet
481Kb / 2P
Programmable Multi-Function Calibrator
V3 05/09/03
logo
List of Unclassifed Man...
5022-102J ETC1-5022-102J Datasheet
37Kb / 2P
Surface Mountable Inductors
5022-103J ETC1-5022-103J Datasheet
37Kb / 2P
Surface Mountable Inductors
5022-104J ETC1-5022-104J Datasheet
37Kb / 2P
Surface Mountable Inductors
5022-105J ETC1-5022-105J Datasheet
37Kb / 2P
Surface Mountable Inductors
More results

Similar Description - 5022R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
SURFACE MOUNTABLE PHOTO INTERRUPTER
logo
IXYS Corporation
IXGH50N60A IXYS-IXGH50N60A Datasheet
92Kb / 4P
HiPerFAST IGBT - Surface Mountable
logo
List of Unclassifed Man...
5022-151J ETC1-5022-151J Datasheet
37Kb / 2P
Surface Mountable Inductors
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
Surface Mountable
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
surface Mountable RFI Filters
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
Surface Mountable
logo
Amphenol Corporation
NPA-300 AMPHENOL-NPA-300 Datasheet
820Kb / 8P
Surface Mountable
logo
Anaren Microwave
1E1305-3 ANAREN-1E1305-3 Datasheet
349Kb / 2P
Surface Mountable
C0409J5003AHF ANAREN-C0409J5003AHF Datasheet
180Kb / 6P
Surface Mountable
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
Surface Mountable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com