Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5393R Datasheet(PDF) 1 Page - API Delevan

Part # 5393R
Description  High Current Radial Leaded Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

5393R Datasheet(HTML) 1 Page - API Delevan

  5393R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shown Approximately
at 50% of Actual Size
SERIES 5393R
5393
High Current Radial Leaded Chokes
Operating Temperature Range -55°C to +125°C
(-55°C to +75°C @ full current)
Current Rating at 75°C Ambient 50°C Temperature Rise
Maximum Power Dissipation at +85°C 1.166 Watts Maximum
Inductance Measured @ 1 kHz with 0 ADC on Wayne Kerr 3245A,
or equivalent.
Incremental Current The amount of DC that decreases the inductance by
10% maximum relative to the 0 ADC.
Dielectric Withstanding Voltage 2500 Vrms Minimum winding to outside cover
1/4” from winding edge
Marking Delevan, 5393 or 5393R, dash number (per table) and inductance
tolerance letter
Leads Solder coated to within 1/8 inch of body
Mechanical Configuration Self leaded terminals, coated coil, shrink sleeve
encapsulated
Packaging Bulk only
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 5393R AND 5393R
-504K
-204K
-603K
-154K
-393K
-923K
-503K
-243K
15.0
20.0
28.0
30.0
40.0
45.0
50.0
60.0
500
200
60
150
39
92
50
24
0.8
1.2
1.9
2.1
2.5
2.9
3.1
5.7
0.050
0.021
0.0085
0.0130
0.0048
0.0075
0.0045
0.0025
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
11/2010
dash number
Type
Typ. Weight (grams)
A(Max.)
B
±0.062 (1.57)
C ±0.062 (1.57)
D ±0.062 (1.57)
(E) Lead Diameter
-504K
1
305
2.45 (62.23)
1.45 (36.83)
0.980 (24.89)
1.95 (49.53)
0.082
-204K
2
310
2.45 (62.23)
1.45 (36.83)
0.980 (24.89)
-
0.102
-603K
2
160
2.45 (62.23)
1.02 (25.91)
0.770 (19.56)
-
0.102
-154K
2
470
2.45 (62.23)
1.65 (41.91)
1.080 (27.43)
-
0.129
-393K
2
210
2.45 (62.23)
1.15 (29.21)
0.820 (20.83)
-
0.129
-923K
2
650
2.55 (64.77)
1.92 (48.77)
1.210 (24.89)
-
0.162
-503K
1
420
2.55 (64.77)
1.57 (39.88)
1.050 (26.67)
2.10 (53.34)
0.162
-243K
2
270
2.45 (62.23)
1.27 (32.26)
0.890 (22.61)
-
0.162
Physical Parameters in Inches (Millimeters)
API_newlayouts_single:APIcatalog_newlayouts 10/29/10 9:40 AM Page 149


Similar Part No. - 5393R

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
539304 WALTHER-539304 Datasheet
437Kb / 4P
Channel installation sockets IP 44
539306 WALTHER-539306 Datasheet
437Kb / 4P
Channel installation sockets IP 44
539309 WALTHER-539309 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Molex Electronics Ltd.
53936-1476 MOLEX-53936-1476 Datasheet
171Kb / 2P
0.635 B/B S/T PLUG HSG ASSY - LEAD FREE -
REV. B 2009/01/08
logo
Festo Corporation.
539362 FESTO-539362 Datasheet
72Kb / 1P
Connecting plate
More results

Similar Description - 5393R

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC Datasheet
876Kb / 1P
Radial High Current Chokes
RHC50-3-5R0K-RC ALLIED-RHC50-3-5R0K-RC_10 Datasheet
920Kb / 1P
Radial High Current Chokes
logo
Vishay Siliconix
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
logo
Allied Components Inter...
RHC50 ALLIED-RHC50 Datasheet
507Kb / 1P
Radial High Current Chokes
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
logo
RENCO ELECTRONICS, INC.
RL-1256 RENCO-RL-1256 Datasheet
1Mb / 13P
RADIAL LEADED POWER LINE CHOKES
logo
Vishay Siliconix
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
Filter Inductors, High Current, Radial Leaded
26-Mar-14
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
30-Apr-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com