Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5400R Datasheet(PDF) 1 Page - API Delevan

Part # 5400R
Description  High L Filter Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

5400R Datasheet(HTML) 1 Page - API Delevan

  5400R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 5400R
5400
High L Filter Inductors
Physical Parameters
Inches
Millimeters
A
1.30 ± 0.010
33.020 ± 0.254
B
0.73 ± 0.010
18.542 ± 0.254
C
0.150 ± 0.005
3.810 ± 0.127
D
1.00 Min.
25.4 Min.
E
0.032 Typ.
0.813 Typ.
Marking DELEVAN; 5400 followed by the dash number
and tolerance letter; date code (YYWWL). Note an R after
5400 indicates a RoHS component.
Example: 5400R-396G
DELEVAN
5400R-396G
0913A
Operating Temperature Range -55°C to +125°C
Inductance Measured at 1kHz, 100mV
with no DC Current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5% or 10%
from its initial 0 DC value
Packaging Bulk Only
Contact the Factory for additional sizes and electrical
configurations.
SERIES 5400 POWDER CORE
-106K
-126K
-156K
-186K
-226K
-276K
-336K
-396K
-476K
-566K
-686K
-826K
-107K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
204
186
167
152
138
124
113
104
94
86
78
71
65
1.53
1.67
1.88
2.55
2.83
3.15
3.50
4.80
5.31
5.83
6.47
8.89
9.89
131
120
107
98
88
80
72
66
60
55
50
46
41
269
235
200
175
150
127
107
92
76
62
48
35
21
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10
12
15
18
22
27
33
39
47
56
68
82
100
Optional Tolerances:
J = 5% H = 3% G = 2%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
3/2010
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 3:45 PM Page 61


Similar Part No. - 5400R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
5400 ETC1-5400 Datasheet
48Kb / 1P
4700
5400 ETC1-5400 Datasheet
60Kb / 1P
QUAD 2-INPUT NAND GATE
logo
Visual Communications C...
5400 VCC-5400 Datasheet
269Kb / 2P
Simple and fast installation
logo
TT Electronics.
5400 TTELEC-5400 Datasheet
766Kb / 4P
Single-Turn Precision Potentiometer
More results

Similar Description - 5400R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4590-392K ETC1-4590-392K Datasheet
29Kb / 1P
High Current Filter Inductors
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
Filter Inductors
30-Jan-06
IHV VISHAY-IHV Datasheet
84Kb / 3P
Filter Inductors, High Current
21-Apr-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
logo
Rhombus Industries Inc.
L-818 RHOMBUS-IND-L-818 Datasheet
20Kb / 1P
High Bias / High L Audio Frequency Inductors
L-13300 RHOMBUS-IND-L-13300 Datasheet
36Kb / 1P
High L Mini Inductors
logo
API Delevan
4590R API-4590R Datasheet
1Mb / 1P
High Current Filter Inductors
logo
Kemet Corporation
L0805C100MPWST KEMET-L0805C100MPWST Datasheet
367Kb / 32P
Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
logo
API Delevan
4590R-476J API-4590R-476J Datasheet
1Mb / 1P
High Current Filter Inductors
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com