Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5500R Datasheet(PDF) 1 Page - API Delevan

Part # 5500R
Description  High Current Power Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

5500R Datasheet(HTML) 1 Page - API Delevan

  5500R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES
5500R
5500
High Current Power Chokes
Physical Parameters
Inches
Millimeters
A
1.020 to 1.080
25.91 to 27.44
B
0.480 to 0.510
12.20 to 12.96
C
0.520 Maximum
13.21 Maximum
D
0.240 Minimum
6.10 Minimum
E
0.120 to 0.160
3.05 to 4.07
F
0.500 (Ref. Only)
12.70 (Ref. Only)
G
0.250 (Ref. Only)
6.35 (Ref. Only)
Dimensions "A" and "C" and "G" are over the terminals.
Operating Temperature Range -55°C to +130°C
Current Rating at 85°C Ambient 45°C Temperature Rise
Maximum Power Dissipation at +85°C: 1.166 Watts Maximum
Inductance Measured @ 1 kHz with 0 ADC on Wayne Kerr
3245A, or equivalent.
Incremental Current The amount of DC that decreases the
Inductance by 5% maximum relative to the 0 ADC.
Dielectric Withstanding Voltage Meets MIL-STD-202,
Method 301, 1000 Vrms Minimum
Marking DELEVAN, INDUCTANCE VALUE and DATE CODE/LOT
SYMBOL (YYWWL). Note: An "R" before the date code/lot
symbol indicates a RoHS Compliant choke.
DELEVAN
3.9uH
R YYWWL
Thermal Shock Meets MIL-STD-202, Method 107,
Test Condition A-1 (-55°C to +130°C).
Mechanical Shock Meets MIL-STD-202, Method 213,
Test Condition I.
Vibration Meets MIL-STD-202, Method 204, Test Condition D
Solderability Meets MIL-STD-202, Method 208
Terminal Material and Final Finish
Series 5500R: (Tin - Silver - Copper) Sn96.5Ag3.0Cu0.5 over Copper (Cu)
Series 5500: (Tin - Lead) Sn63Pb37 over Copper (Cu)
Weight 13 Grams Maximum
Packaging Tape and Reel (44mm): 13” reel,
200 pieces max: 7” reel not available
Made In The U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 5500R AND 5500
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
-684K
-824K
-105K
-125K
-155K
-185K
-225K
-275K
-335K
-395K
-475K
-565K
-685K
-825K
-106K
-126K
-156K
-186K
-226K
-276K
-336K
-396K
-476K
-566K
-686K
-826K
-107K
9.13
8.30
7.61
7.02
6.52
5.71
5.07
4.57
4.15
3.65
3.38
3.04
2.85
2.61
2.34
2.12
1.94
1.76
1.60
1.43
1.30
1.19
1.07
0.96
0.88
0.81
0.74
0.68
0.63
0.56
0.51
0.45
0.41
0.37
0.32
0.30
0.28
0.25
0.23
0.21
0.19
0.17
0.16
0.14
0.13
0.12
0.10
0.09
0.09
0.08
0.07
0.07
0.06
0.05
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
1,800
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
11.91
11.14
9.50
9.10
8.74
7.88
7.43
7.05
6.72
6.43
6.30
5.96
5.66
5.41
4.81
4.08
3.88
3.44
2.96
2.78
2.57
2.48
2.10
1.97
1.86
1.59
1.40
1.32
1.24
1.08
1.01
0.92
0.81
0.75
0.68
0.63
0.59
0.51
0.48
0.42
0.39
0.37
0.33
0.30
0.26
0.23
0.21
0.20
0.18
0.17
0.16
0.14
0.12
0.11
0.007
0.008
0.011
0.012
0.013
0.016
0.018
0.020
0.022
0.024
0.025
0.028
0.031
0.034
0.043
0.060
0.066
0.084
0.113
0.129
0.150
0.162
0.226
0.257
0.288
0.393
0.504
0.570
0.643
0.844
0.977
1.18
1.50
1.76
2.13
2.53
2.84
3.79
4.24
5.75
6.44
7.30
9.34
10.7
14.8
18.0
22.7
25.7
29.7
33.7
38.0
52.8
67.3
76.0
OPTIONAL TOLERANCES: J = +/- 5% L = +/- 15%
The Suffix (Optional Tolerance “J” or “L”) should replace the “K”, in the dash number.
*Complete part # must include series # PLUS the dash #
8/2011
API_newlayouts_single:APIcatalog_newlayouts 8/9/11 8:48 AM Page 148


Similar Part No. - 5500R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
Schurter Inc.
5500 SCHURTER-5500 Datasheet
664Kb / 3P
AC Filter for PCB Mounting
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
logo
Coto Technology
5500 COTO-5500 Datasheet
741Kb / 2P
5500 SERIES/HIGH VOLTAGE REED RELAYS
logo
List of Unclassifed Man...
5500 ETC-5500 Datasheet
31Kb / 1P
High Current RF Chokes
More results

Similar Description - 5500R

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC630 API-DC630 Datasheet
25Kb / 1P
High Current Power Line Chokes
DC780 API-DC780 Datasheet
26Kb / 1P
High Current Power Line Chokes
logo
RCD COMPONENTS INC.
HL9ER-1R0JBW RCD-HL9ER-1R0JBW Datasheet
47Kb / 1P
HIGH CURRENT POWER CHOKES
logo
API Delevan
DC1050-104K API-DC1050-104K Datasheet
259Kb / 1P
High Current Power Line Chokes
DC1390-153K API-DC1390-153K Datasheet
285Kb / 1P
High Current Power Line Chokes
DC630R API-DC630R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC780R API-DC780R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1050R API-DC1050R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1390R API-DC1390R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
logo
Bourns Electronic Solut...
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com