Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2890-03K Datasheet(PDF) 1 Page - API Delevan

Part # 2890-03K
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2890-03K Datasheet(HTML) 1 Page - API Delevan

  2890-03K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 2890R
2890
Molded Unshielded RF Coils
Military Specifications
MS91189 (LT4K); MS75103(LT10K)
Physical Parameters
Inches
Millimeters
Length
0.900 ± 0.010
22.86 ± 0.25
Diameter
0.280 ± 0.010
7.11 ± 0.25
Lead Size
AWG #21 TCW
0.028 ± 0.002
0.711 ± 0.051
Lead Length
1.44 ± 0.12
36.58 ± 3.05
Current Rating at 90°C Ambient
LT4K 35°C Rise
LT10K 15°C Rise
Operating Temperature Range
LT4K –55°C to +125°C
LT10K –55°C to +105°C
Maximum Power Dissipation at 90°C
LT4K 0.598 W
LT10K 0.256 W
Weight Max. (Grams) 3.9
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 2890R-16F
Front:
Reverse:
DELEVAN
6.8uH±1%
6.8uH±1%
R 0518B
Packaging Tape & reel: 12" reel, 800 pieces max.; 14"
reel, 1300 pieces max.
Made in the U.S.A.
MS91189– SERIES 2890 PHENOLIC CORE (LT4K)
-00K
-02K
-03K
-04K
-06K
-08K
-10K
-12K
-14K
-16K
-18K
-20K
-22K
-24K
-26K
MS75103– SERIES 2890 IRON CORE (LT10K)
-28K
-30K
-32K
-34K
-36K
-38K
-39K
-40K
-42K
-44K
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
M
I L I TA RY
A
P P
R O V E
D
2400
2190
1790
1640
1400
1190
980
880
760
640
555
475
405
365
320
815
750
595
550
445
410
325
305
279
219
0.075
0.090
0.135
0.160
0.220
0.305
0.450
0.560
0.745
1.05
1.40
1.90
2.65
3.25
4.15
0.295
0.35
0.55
0.65
1.00
1.15
1.85
2.10
2.50
4.10
170
160
140
125
115
100
95
90
80
75
68
60
53
50
45
24
22
19
18
16
14
13
12
12
10
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
60
60
60
60
60
60
60
60
60
60
60
60
40
40
40
50
45
60
55
65
65
75
75
75
95
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Parts listed above are QPL/MIL qualified
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:43 AM Page 47


Similar Part No. - 2890-03K

ManufacturerPart #DatasheetDescription
logo
API Delevan
2890-03K API-2890-03K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 2890-03K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com