Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3443-04K Datasheet(PDF) 1 Page - API Delevan

Part # 3443-04K
Description  Radial Lead Power Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

3443-04K Datasheet(HTML) 1 Page - API Delevan

  3443-04K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
SERIES 3443R
3443
Radial Lead Power Chokes
Physical Parameters
Inches
Millimeters
A
0.500 ± 0.015
12.72 ± 0.38
B
0.600 Max.
15.27 Max.
C
0.375 Min.
9.54 Min.
D
0.870 Max.
22.14 Max.
E
0.515 Max.
13.10 Max.
F**
0.040 ± 0.005
1.02 ± 0.13
G
0.030 Min.
0.76 Min.
**F= AWG #18 TCW
Current Rating Based on continuous operation
at room temperature. Derating is required at elevated
ambient temperatures in accordance with the derating
curve.
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 25°C 2.2 W
Weight Max. (Grams) 12.0
Incremental Current 1) Current Level which causes a
maximum of 10% decrease in inductance.
2) The
Incremental Current at ambient temperatures other than
25°C will be 70% of the adjusted current rating.
Marking DELEVAN; part number without the tolerance
letter, inductance with units. Note: An R after 3443
indicates a RoHS component.
Example: 3443-00K
DELEVAN
3443-00
1uH
Packaging Bulk only
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 3443 FERRITE CORE
-00K
-04K
-08K
-12K
-16K
-20K
-24K
-28K
-32K
-36K
-40K
-44K
-48K
-50K
-52K
-56K
-58K
-60K
-64K
-68K
-72K
-76K
-80K
-84K
-88K
-92K
-94K
-98K
17.8
16.2
15.0
12.4
10.3
8.9
7.3
5.9
4.9
4.0
3.3
2.8
2.3
2.1
1.9
1.5
1.35
1.20
1.00
0.90
0.73
0.60
0.49
0.40
0.34
0.28
0.23
0.19
17.8
16.2
15.0
14.0
13.0
12.5
10.0
8.5
6.5
5.5
4.5
4.0
3.3
3.0
2.7
2.2
1.95
1.70
1.60
1.30
1.00
0.84
0.69
0.55
0.45
0.36
0.33
0.26
0.005
0.006
0.007
0.008
0.009
0.010
0.015
0.022
0.033
0.052
0.078
0.092
0.140
0.175
0.210
0.330
0.420
0.510
0.610
0.910
1.40
2.20
3.30
5.10
7.70
11.7
14.2
21.9
1.0
1.5
2.2
3.3
4.7
6.8
10.0
15.0
22.0
33.0
47.0
68.0
100.0
120.0
150.0
220.0
270.0
330.0
470.0
680.0
1000.0
1500.0
2200.0
3300.0
4700.0
6800.0
10000.0
15000.0
For more detailed graphs, contact factory
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 2:12 PM Page 96


Similar Part No. - 3443-04K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3443-04K ETC1-3443-04K Datasheet
29Kb / 1P
Radial Lead Power Chokes
More results

Similar Description - 3443-04K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3443-00K ETC1-3443-00K Datasheet
29Kb / 1P
Radial Lead Power Chokes
logo
Central Technologies
CTH7RF CT-CTH7RF Datasheet
176Kb / 1P
Power Line Chokes - Radial
CTH8RF CT-CTH8RF Datasheet
176Kb / 1P
Power Line Chokes - Radial
CTHF2836 CT-CTHF2836 Datasheet
168Kb / 1P
Common Mode Chokes - Radial
CTUF0917H CT-CTUF0917H Datasheet
175Kb / 1P
Common Mode Chokes - Radial
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
Axial Lead Power Chokes
logo
Bourns Electronic Solut...
6000-221K-RC BOURNS-6000-221K-RC Datasheet
624Kb / 1P
Radial Lead RF Chokes
6000-6R8M BOURNS-6000-6R8M Datasheet
624Kb / 1P
Radial Lead RF Chokes
logo
RENCO ELECTRONICS, INC.
RL-1256 RENCO-RL-1256 Datasheet
1Mb / 13P
RADIAL LEADED POWER LINE CHOKES
logo
Central Technologies
CTUF0917HF CT-CTUF0917HF Datasheet
122Kb / 1P
Common Mode Chokes - Radial
REV 05.22.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com