Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5526R-7 Datasheet(PDF) 1 Page - API Delevan

Part # 5526R-7
Description  Air Core Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

5526R-7 Datasheet(HTML) 1 Page - API Delevan

  5526R-7 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
High Q, wire wound air cores
Designed to operate over a wide frequency range.
Physical Parameters
Inches
Millimeters
A Max
0.250
6.35
B Max
0.235
5.97
C Max
0.420
10.67
D
0.314±.020
7.98±0.510
E
0.032 ± 0.025
0.813 ± 0.635
F
0.394
10.00
G
0.095
2.42
H
0.185
4.70
I
0.080
2.03
J
0.234
5.95
Operating Temperature Range –55°C to +125°C
Inductance and Q tested on HP4291A using HP16193A
test fixture and correlation
Packaging Tape & reel (24mm): 13" reel, 800 pieces
max.; 7" reel not available; Intermediate values available
upon request.
Made in the U.S.A.
SERIES
5526R
5526
Air Core Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 5526
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
1140
1020
900
875
800
730
685
660
590
540
535
490
50
50
50
50
50
50
50
50
50
50
50
50
3.5
3.5
3.0
3.0
3.0
3.0
3.0
3.0
2.5
2.5
2.0
2.0
95
87
87
95
95
92
95
95
95
95
95
87
90
111
130
169
206
222
246
307
380
420
491
538
9
10
11
12
13
14
15
16
17
18
19
20
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 6/28/11 12:00 PM Page 36


Similar Part No. - 5526R-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
5526-10 ETC1-5526-10 Datasheet
30Kb / 1P
Air Core Inductors
5526-11 ETC1-5526-11 Datasheet
30Kb / 1P
Air Core Inductors
5526-12 ETC1-5526-12 Datasheet
30Kb / 1P
Air Core Inductors
5526-2 ETC1-5526-2 Datasheet
30Kb / 1P
Air Core Inductors
More results

Similar Description - 5526R-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
Air Core Inductors
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
logo
Coilcraft lnc.
AT392RAS COILCRAFT-AT392RAS Datasheet
452Kb / 2P
240째C Air Core Inductors
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
200째C Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com