Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6296R Datasheet(PDF) 1 Page - API Delevan

Part # CM6296R
Description  Common Mode Choke/IsolationTransformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

CM6296R Datasheet(HTML) 1 Page - API Delevan

  CM6296R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
Physical Parameters
Inches
Millimeters
A
1.058 ± 0.010
26.87 ± 0.25
B
0.870 ± 0.010
22.10 ± 0.25
C
0.210 Typ.
5.33 Typ.
D
0.200 Typ.
5.08 Typ.
E
0.430 Max.
10.74 Max.
Mechanical Configuration Flat top surface mount case
with excellent coplanarity of terminals
Operating Temperature –55°C to +125°C
Configuration Two inductors per unit; internal terminals:
#1 (start)-#2 (finish) & #4 (start) -#3 (finish)
Electrical Configuration
1) Inductance and DCR in table is for either L1 or L2
2) Leakage Inductance tested at L1 with L2 shorted or at
L2 with L1 shorted.
3) Windings balanced within 2%
4) Inductance tested @ 1.0kHz
Rated RMS Current Per Winding Based Upon 20°C
temperature rise from 25°C ambient
Maximum Power Dissipation at 25°C 2.5 Watts
Dielectric Withstanding Voltage
500 V RMS, 60Hz
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES CM6296 FERRITE CORE
-253
-503
-104
-154
-204
-304
-454
-654
-105
-155
-255
10.0
10.0
9.5
9.5
8.5
7.5
6.5
5.5
3.5
2.5
2.2
0.7
0.8
1.4
1.8
2.2
3.3
4.6
6.2
9.3
14.5
21.8
25
50
100
150
200
300
450
650
1000
1500
2500
0.014
0.014
0.016
0.016
0.016
0.020
0.024
0.030
0.050
0.090
0.162
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Marking DELEVAN; part number, inductance with units. A white dot
indicates the location of pin 1.
Example: CM6296R-155
DELEVAN
CM6296R-155
1500 uH
Packaging Bulk only
Weight (Grams) 9.0 (Ref.)
SERIES CM6296R
CM6296
Common Mode
Choke/IsolationTransformer
4/2010
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 10:56 AM Page 127


Similar Part No. - CM6296R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6296 API-CM6296 Datasheet
39Kb / 1P
Choke/IsolationTransformer
CM6296-104 API-CM6296-104 Datasheet
39Kb / 1P
Choke/IsolationTransformer
CM6296-105 API-CM6296-105 Datasheet
39Kb / 1P
Choke/IsolationTransformer
CM6296-154 API-CM6296-154 Datasheet
39Kb / 1P
Choke/IsolationTransformer
CM6296-155 API-CM6296-155 Datasheet
39Kb / 1P
Choke/IsolationTransformer
More results

Similar Description - CM6296R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
API Delevan
CM6296 API-CM6296 Datasheet
39Kb / 1P
Choke/IsolationTransformer
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com