Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4211-4 Datasheet(PDF) 1 Page - API Delevan

Part # 4211-4
Description  Axial Leaded Filter Bead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4211-4 Datasheet(HTML) 1 Page - API Delevan

  4211-4 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (-20)
SERIES 4211R
4211
Axial Leaded Filter Bead
Impedance measured at indicated frequencies, utilizing
an HP 4191A at 25°C
Lead Material capable of meeting MIL-STD-202, Method
208 solderability requirements
Packaging Tape & reel: 14" reel. Series 4211-1 to 4211-8
and 4211-12 to 4211-30, 4000 pieces max. Series 4211-9
to 4211-11, 1000 pieces max. 12" reel not available
Lead Length 1 Inch min.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES 4211 / 4211R FERRITE CORE
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
-20
-21
-22
-23
-24
-25
-26
-27
-28
-29
-30
DIMENSIONS
(Inches)
IMPEDANCE
(OHMS)
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.385
0.385
0.385
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
0.138
72 - 108
134- 202
100 - 150
115 - 173
90 - 136
144 - 216
170 - 255
206 - 310
80 - 120
54 - 82
106 - 160
80 - 120
88 - 132
72 - 109
120 - 180
144 - 216
176 - 264
216 - 325
264 - 397
312 - 469
66 - 98
50 min.
105 min.
78 min.
90 min.
70 min.
112 min.
135 min.
163 min.
61 min.
≥ 39
≥ 70
≥ 52
≥ 60
≥ 48
≥ 77
≥ 93
≥ 114
≥ 154
≥ 188
≥ 224
≥ 43
49-73
92-138
69-103
79-118
62-93
108-162
124-187
152-228
54-82
≥38
≥75
≥56
≥64
≥50
≥88
≥100
≥121
≥44
±.010
±.020
±.010
±.020
±.010
±.010
±.015
±.025
±.015
±.020
±.020
±.010
±.010
±.020
±.010
±.020
±.010
±.010
±.015
±.025
±.010
±.010
±.020
±.010
±.020
±.010
±.025
±.015
±.025
±.010
0.175
0.350
0.263
0.300
0.236
0.375
0.450
0.545
0.450
0.550
0.650
0.206
0.175
0.350
0.263
0.300
0.236
0.375
0.450
0.545
0.206
0.175
0.350
0.263
0.300
0.236
0.375
0.450
0.545
0.206
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.032
0.032
0.032
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
0.025
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
For more detailed graphs, contact factory
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 4:03 PM Page 115


Similar Part No. - 4211-4

ManufacturerPart #DatasheetDescription
logo
Heyco.
4211-P HEYCO-4211-P Datasheet
109Kb / 1P
Nylon Wire Harness Clamps
logo
TEKTRONIX, INC.
4211-SMU TEKTRONIX-4211-SMU Datasheet
3Mb / 45P
4200A-SCS Parameter Analyzer
More results

Similar Description - 4211-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHD1ER470L VISHAY-IHD1ER470L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
IHD1BH680L VISHAY-IHD1BH680L Datasheet
77Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
logo
Taiyo Yuden (U.S.A.), I...
FBA03HA450BB-00 TAIYO-YUDEN-FBA03HA450BB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA600VB-00 TAIYO-YUDEN-FBA04HA600VB-00 Datasheet
139Kb / 1P
Leaded Ferrite Bead Inductors
FBA04HA900VB-00 TAIYO-YUDEN-FBA04HA900VB-00 Datasheet
139Kb / 1P
Leaded Ferrite Bead Inductors
FBA04VA450AB-00 TAIYO-YUDEN-FBA04VA450AB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04VA900AB-00 TAIYO-YUDEN-FBA04VA900AB-00 Datasheet
138Kb / 1P
Leaded Ferrite Bead Inductors
FBA04VA900VB-00 TAIYO-YUDEN-FBA04VA900VB-00 Datasheet
139Kb / 1P
Leaded Ferrite Bead Inductors
logo
Vishay Siliconix
IHA VISHAY-IHA_V01 Datasheet
89Kb / 3P
Filter Inductors, High Current, Axial Leaded
07-Aug-12
IHD VISHAY-IHD_V01 Datasheet
78Kb / 4P
Filter Inductors, High Current, Axial Leaded
04-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com