Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103-562K Datasheet(PDF) 1 Page - API Delevan

Part # 103-562K
Description  Micro i짰 Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

103-562K Datasheet(HTML) 1 Page - API Delevan

  103-562K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 103R
103
Micro i® Chip Inductors
Military Specifications MIL-PRF-83446/04
Physical Parameters
Inches
Millimeters
A
0.075 Max.
1.91 Max.
B
0.100 ± 0.010
2.54 ± 0.25
C
0.100 ± 0.010
2.54 ± 0.25
D
0.050 Min.
1.27 Min.
E
0.015 Min. (Typ.)
0.38 Min. (Typ.)
F
0.020 Max. (Typ.)
0.51 Max. (Typ.)
Weight Max. (Grams) 0.03
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature Range –55°C to +125°C
Maximum Power Dissipation at 90°C 0.135 Watts
**Note
Self Resonant Frequency (SRF) Values above
250 MHz are calculated and for reference only.
Termination Finish Options (Part # Code)
Gold over Nickel (Standard): As shown.
Tin/Lead over Nickel: Add suffix “S” to part # (e.g., 103-
102KS).
Mil type “A:” Gold over Nickel (Standard)
Mil type “B” or “F:” Tin/Lead (solder) over Nickel.
RoHS type: Order 103R - XXXKS
Mechanical Configuration
Units are epoxy encapsulated.
Contact areas for reflow soldering are gold plated per MIL-
G-45204 Type 1-Grade A. Internal connections are thermal
compression bonded.
Packaging Tape & reel (8mm): 7" reel, 2000 pieces max.;
13" reel, 8000 pieces max.
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
M83446/04– SERIES 103 PHENOLIC CORE
-100M/K
-120K
-150M/K
-180K
-220M/K
-270K
-330M/K
-390K
-470M/K
-560K
-680M/K
-820K
-101M/K
M83446/04– SERIES 103 FERRITE CORE
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
-123K
-153K
-183K
-223K
-273K
0.060
0.069
0.078
0.093
0.108
0.114
0.120
0.133
0.145
0.170
0.195
0.212
0.230
0.125
0.175
0.200
0.220
0.230
0.235
0.240
0.260
0.278
0.520
0.530
0.540
0.740
0.840
0.920
1.00
1.15
1.40
1.55
1.80
2.00
2.20
2.50
3.45
3.80
5.60
5.80
6.40
6.90
1270
1190
1110
1030
950
925
900
860
820
760
705
675
650
880
745
695
665
650
645
635
610
590
435
430
425
360
340
325
310
290
260
250
230
220
210
195
165
160
135
130
125
120
2700
2450
2200
2000
1800
1625
1450
1335
1220
1110
1000
915
830
750
650
550
450
375
300
235
215
195
175
160
145
130
115
105
85
77
70
68
60
55
50
48
40
35
30
28
25
22
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
60
57
55
52
50
49
48
45
42
39
36
34
32
30
25
25
25
25
25
22
22
22
22
22
22
22
22
22
22
24
24
24
24
22
22
22
24
25
25
25
25
25
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 20% / ± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.100
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
30/37
38
31/39
40
32/41
42
33/43
44
34/45
46
35/47
48
36/49
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
M
I L I TA RY
A
P P
R O V E
D
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Parts listed above are QPL/MIL qualified
1/2009
API_newlayouts_single:APIcatalog_newlayouts 7/22/10 10:23 AM Page 7


Similar Part No. - 103-562K

ManufacturerPart #DatasheetDescription
logo
API Delevan
103-562K API-103-562K Datasheet
235Kb / 1P
Micro i Chip Inductors
More results

Similar Description - 103-562K

ManufacturerPart #DatasheetDescription
logo
API Delevan
103-100 API-103-100 Datasheet
235Kb / 1P
Micro i Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
Micro i Chip Inductors
160-100MS API-160-100MS Datasheet
207Kb / 1P
Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
Micro i Chip Inductors
100R API-100R_10 Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
Power Micro i짰 Chip Inductors
100R-392F API-100R-392F Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com