Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2500-60J Datasheet(PDF) 1 Page - API Delevan

Part # 2500-60J
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

2500-60J Datasheet(HTML) 1 Page - API Delevan

  2500-60J Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 2500R
2500
Molded Unshielded RF Coils
Military Specifications MS90539 (LT10K);
MS90540 (LT10K); MS90541 (LT10K);
g No MS # Issued
Physical Parameters
Mold Size
A
B
C
Length
Inches ± .010
0.440
0.560
0.740
mm ± .25
11.18
14.22
18.80
Diameter
Inches ± .010
0.190
0.215
0.240
mm ± .25
4.83
5.46
6.10
Lead Type & Size
AWG #
#22
#21
#20
TCW ± .002 Inches
0.025
0.028
0.032
[TCW ± .051 mm]
0.635
0.711
0.813
Lead Length
Inches ± .12
1.44
1.44
1.44
mm ± 3.05
36.58
36.58
36.58
Maximum Power Dissipation
at 90°C W
0.166
0.182
0.213
Weight Max.
(Grams)
0.95
1.5
2.5
Current Rating at 90°C Ambient 15°C Rise
Operating Temperature Range –55°C to +105°C
Core Material Iron (LT10K)
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 2500-16J
Front:
Reverse:
DELEVAN
560uH±5%
560uH±5%
0824C
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
MS90539 • SERIES 2500 IRON CORE (LT10K)
-00J
-02J
-04J
-06J
-08J
-10J
-12J
-14J
-15J
-16J
-18J
-20J
-22J
-24J
-26J
-28J
MS90540 • SERIES 2500 IRON CORE (LT10K)
-30J
-32J
-34J
-36J
-38J
-40J
-42J
-44J
-46J
-48J
-50J
-52J
-54J
MS90541 • SERIES 2500 IRON CORE (LT10K)
-56J
-58J
-60J
-62J
-63J
-64J
-66J
-68J
-70J
-72J
-74J
-76J
126
122
120
115
114
111
108
106
105
104
101
97
95
92
91
88
81
79
78
76
74
71
69
68
67
65
63
61
59
62
60
59
58
58
56
55
54
52
51
49
48
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
8.2
8.7
9.1
9.6
10.0
10.6
11.0
11.3
11.6
12.3
13.0
13.7
14.4
15.1
15.8
16.5
21.0
22.0
23.0
25.0
26.0
28.0
29.0
30.0
31.0
33.0
35.0
38.0
40.0
44.0
46.0
48.0
50.0
50.0
53.0
56.0
59.0
62.0
65.0
68.0
72.0
5.60
5.3
5.0
4.7
4.5
4.3
4.0
3.7
3.8
3.6
3.5
3.4
3.3
3.1
2.9
2.8
2.8
2.7
2.6
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.45
1.40
1.35
1.30
1.30
1.25
1.20
1.15
1.10
1.05
1.0
0.95
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.790
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.250
65
65
65
65
65
65
65
65
65
65
60
60
60
60
60
60
60
60
60
65
65
65
65
70
70
70
70
70
70
80
80
80
80
80
80
80
80
80
80
80
80
270
300
330
360
390
430
470
500
510
560
620
680
750
820
910
1000
1100
1200
1300
1500
1600
1800
2000
2200
2400
2700
3000
3300
3600
3900
4300
4700
5000
5100
5600
6200
6800
7500
8200
9100
10000
1
2
3
4
5
6
7
g
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
g
5
6
7
8
9
10
11
Optional Tolerances: H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Parts listed above are QPL/MIL qualified
M
I L I TA RY
A
P P
R O V E
D
Packaging Tape & reel: Mold sizes "A" and "C": 12" reel, 2500
pieces max.; 14" reel, 3000 pieces max.
Mold size "B": 12" reel, 1000 pieces max.; 14" reel, 1500 pieces max.
Made in the U.S.A.
Actual Size
(Mold Size B)
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:42 AM Page 46


Similar Part No. - 2500-60J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2500-60J ETC1-2500-60J Datasheet
46Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
2500-60J API-2500-60J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 2500-60J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1944R API-1944R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com