Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTR Datasheet(PDF) 2 Page - API Delevan

Part # HCTR
Description  High Current Toroidal Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

HCTR Datasheet(HTML) 2 Page - API Delevan

  HCTR Datasheet HTML 1Page - API Delevan HCTR Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For frequencies ≤ 10 kHz
(mW/cm3)
Hz
Gauss
Core loss =
1.47 x 10–8
f 0.971 B 2.11
For frequencies ≥ 10 kHz
(mW/cm3)
Hz
Gauss
Core loss =
9.07 x 10–10
f 1.26 B 2.11
Bpk =
A:
T37 = 0.064 cm2; T44 = 0.099 cm2;
T50 = 0.112 cm2; T68 = 0.179 cm2
Erms 108
4.44 Anf
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES HCTR
HCT
High Current Toroidal Inductors
This information is
intended to be used in
assisting the designer in
part selection. Each
application may contain
other variables which
must be considered in
part selection, such as
temperature effects,
waveform distortion, etc.
API Delevan
Sales/Engineering is
available to provide
information as needed to
fit each application.
Data is representative of
a DC current with less
than 1% ripple and an
AC waveform less than:
50 gauss on the
HCT-37X, 25 gauss on
the HCT-44X, 15 gauss
on the HCT-50X and 10
gauss on the
HCT-68X.The effect of
AC or ripple flux can be
significant in many DC
inductor applications.
When significantly
greater AC flux density is
present, it becomes
necessary to consider its
effect on both core loss
and permeability
(inductance).
All data points, on the
above graphs, that
exceed the rated DC
current specified for a
55°C rise from a 25°C
ambient are for design
reference only and are
not intended to imply
continuous use at those
DC current levels.
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 9:44 AM Page 82



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com