Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3HC-10 Datasheet(PDF) 1 Page - API Delevan

Part # 3HC-10
Description  High Current Filter Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

3HC-10 Datasheet(HTML) 1 Page - API Delevan

  3HC-10 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES HCR
HC
High Current Filter Chokes
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
± 0.005 inches
[± 0.13mm]
± 0.062 inches
[± 1.59mm]
DIMENSIONS
Inches [Millimeters]
Dimension E
1.0 inches ± 1⁄16 inches;
25.4mm ± 1.59mm
Notes
** Inductance measured
with zero DC current.
*** Incremental current
reduces inductance by
10% or less. Average
current must not exceed
specified rated current.
Packaging Bulk only
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.042 [1.07]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.053 [1.35]
0.065 [1.65]
0.065 [1.65]
0.065 [1.65]
0.065 [1.65]
0.065 [1.65]
0.065 [1.65]
0.065 [1.65]
0.082 [2.08]
0.082 [2.08]
0.082 [2.08]
0.082 [2.08]
0.082 [2.08]
0.500 [12.70]
0.687 [17.45]
0.437 [11.10]
0.750 [19.05]
0.937 [23.80]
1.062 [26.97]
1.050 [26.67]
1.312 [33.32]
0.990 [25.15]
0.750 [19.05]
1.000 [25.40]
0.562 [14.27]
0.750 [19.05]
0.875 [22.23]
1.000 [25.40]
1.250 [31.75]
0.900 [22.86]
0.812 [20.62]
1.218 [30.94]
1.415 [35.94]
0.687 [17.45]
0.937 [23.80]
1.125 [28.58]
1.312 [33.32]
0.937 [23.80]
1.500 [38.10]
0.937 [23.80]
1.125 [28.58]
1.312 [33.32]
0.625 [15.88]
0.625 [15.88]
0.812 [20.62]
0.812 [20.62]
0.812 [20.62]
0.812 [20.62]
0.812 [20.62]
0.812 [20.62]
0.950 [24.13]
0.640 [16.26]
0.640 [16.26]
0.875 [22.23]
0.875 [22.23]
0.875 [22.23]
0.875 [22.23]
0.875 [22.23]
1.100 [27.94]
0.687 [17.45]
0.687 [17.45]
0.687 [17.45]
0.937 [23.80]
0.937 [23.80]
0.937 [23.80]
0.937 [23.80]
0.725 [18.42]
0.725 [18.42]
1.000 [25.40]
1.000 [25.40]
1.500 [38.10]
0.875 [22.23]
1.125 [28.58]
0.875 [22.23]
1.125 [28.58]
1.125 [28.58]
1.375 [34.93]
1.625 [41.28]
1.625 [41.28]
1.625 [41.28]
0.875 [22.23]
1.125 [28.58]
0.875 [22.23]
1.125 [28.58]
1.125 [28.58]
1.375 [34.93]
1.625 [41.28]
1.625 [41.28]
1.125 [28.58]
1.375 [34.93]
1.625 [41.28]
1.125 [28.58]
1.375 [34.93]
1.375 [34.93]
1.625 [41.28]
1.375 [34.93]
1.687 [42.85]
1.375 [34.93]
1.625 [41.28]
1.625 [41.28]
0.015
0.018
0.035
0.050
0.065
0.075
0.080
0.090
0.130
0.012
0.015
0.025
0.030
0.035
0.050
0.060
0.075
0.010
0.012
0.015
0.018
0.025
0.027
0.030
0.008
0.010
0.015
0.020
0.030
19
17
15
12
8
5
4
3
1
20
18
15
10
9
7
5
3
19
17
16
15
9
9
6
20
17
14
9
5
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
10
10
10
10
10
10
10
15
15
15
15
15
5
10
27
50
100
150
200
250
500
5
10
27
50
68
100
150
250
5
10
15
27
50
68
100
5
10
27
50
100
SERIES HC FERRITE CORE
3HC-5
3HC-10
3HC-27
3HC-50
3HC-100
3HC-150
3HC-200
3HC-250
3HC-500
5HC-5
5HC-10
5HC-27
5HC-50
5HC-68
5HC-100
5HC-150
5HC-250
10HC-5
10HC-10
10HC-15
10HC-27
10HC-50
10HC-68
10HC-100
15HC-5
15HC-10
15HC-27
15HC-50
15HC-100
A (Max.)
B (Max.)
CD
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Current Rating based on continuous operation at room
temperature ambient. Derating is required at elevated ambient
temperatures in accordance with the derating curve.
For more detailed graphs, contact factory
Actual Size (Max.)
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 2:18 PM Page 101


Similar Part No. - 3HC-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3HC-201 ETC2-3HC-201 Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Extended Profile
3HC-201-S ETC2-3HC-201-S Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Extended Profile
logo
Bivar, Inc.
3HC-F BIVAR-3HC-F Datasheet
432Kb / 5P
3mm (T1) Package Discrete LED AMB
Revision C 06/15
3HC-S BIVAR-3HC-S Datasheet
432Kb / 5P
3mm (T1) Package Discrete LED AMB
Revision C 06/15
3HC-S BIVAR-3HC-S Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
More results

Similar Description - 3HC-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VC5020-100M ETC1-VC5020-100M Datasheet
31Kb / 1P
HIGH CURRENT FILTER CHOKES
1120 ETC1-1120 Datasheet
38Kb / 1P
HIGH CURRENT RF CHOKES
logo
EPCOS
ERU25 EPCOS-ERU25 Datasheet
293Kb / 3P
High-Current Chokes
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
High Current Chokes
5618 BOURNS-5618 Datasheet
428Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
HIGH CURRENT RF CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com