Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSTR Datasheet(PDF) 1 Page - API Delevan

Part # LLSTR
Description  Low Loss Surface Mount Power Toroid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

LLSTR Datasheet(HTML) 1 Page - API Delevan

  LLSTR Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
For more detailed graphs, contact factory
SERIES LLSTR
LLST
Low Loss Surface Mount Power Toroid
Physical Parameters
Inches
Millimeters
A
0.475 ± 0.020
12.07 ± 0.50
B
0.420 ± 0.020
10.67 ± 0.50
C
0.290 Max.
7.37 Max.
D
0.400 Ref.
7.62 Ref.
E
0.075 Ref.
1.91 Max.
F
0.375 ± 0.020
9.53 ± 0.50
Operating Temperature Range –40°C to +125°C
Power Dissipation 0.285 Max. (Watts)
Weight Max. (Grams) 2.00
Packaging Bulk only
Current Rating Based on a 35° C max. rise from 90°C
ambient.
SERIES LLST HIGH SATURATION CORE
LLST4R7
LLST10
LLST15
LLST18
LLST22
LLST25
LLST27
LLST33
LLST47
LLST75
LLST100
LLST125
LLST140
LLST150
LLST175
LLST200
LLST220
LLST270
LLST300
LLST350
LLST400
LLST450
LLST500
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
2.600
2.250
2.150
2.050
1.900
1.780
1.780
1.780
1.450
1.190
1.000
1.000
1.000
0.985
0.890
0.795
0.795
0.710
0.710
0.650
0.600
0.550
0.500
0.035
0.050
0.055
0.060
0.070
0.080
0.080
0.080
0.120
0.180
0.250
0.250
0.250
0.260
0.325
0.400
0.400
0.500
0.500
0.625
0.700
0.850
1.000
50.0
45.0
40.0
35.0
25.0
20.0
15.0
12.0
10.0
8.0
7.0
6.0
5.0
4.0
3.5
3.2
3.0
2.5
2.0
1.9
1.8
1.7
1.5
6.10
4.10
3.20
3.00
2.80
2.60
2.30
2.20
1.80
1.40
1.40
1.10
0.98
0.98
0.90
0.80
0.80
0.78
0.68
0.62
0.50
0.50
0.50
4.00
2.80
2.10
1.90
1.70
1.60
1.40
1.30
1.00
0.80
0.80
0.64
0.56
0.56
0.54
0.46
0.46
0.46
0.38
0.36
0.28
0.28
0.26
4.7
10
15
18
22
25
27
33
47
75
100
125
140
150
175
200
220
270
300
350
400
450
500
*Insert ‘R’ Designator for RoHS
For surface finish information, refer to www.delevanfinishes.com
Material High Saturation Nickel/Iron Core.
Inductance Tested at an AC drive level which does not affect the initial
permeability of the core, the DC drive level was 0 amps.
Incremental Current The DC current which reduces the inductance
value to the percentage drop tabulated.
Inductor Base Formed from a high temperature thermoplastic capable of
withstanding approx. 600°F for short periods of time.
Marking API, Inductance, and Date Code.
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 10:22 AM Page 84


Similar Part No. - LLSTR

ManufacturerPart #DatasheetDescription
logo
API Delevan
LLST10 API-LLST10 Datasheet
42Kb / 1P
Surface Mount Power Toroid
LLST100 API-LLST100 Datasheet
42Kb / 1P
Surface Mount Power Toroid
LLST125 API-LLST125 Datasheet
42Kb / 1P
Surface Mount Power Toroid
LLST140 API-LLST140 Datasheet
42Kb / 1P
Surface Mount Power Toroid
LLST15 API-LLST15 Datasheet
42Kb / 1P
Surface Mount Power Toroid
More results

Similar Description - LLSTR

ManufacturerPart #DatasheetDescription
logo
API Delevan
LLST4R7 API-LLST4R7 Datasheet
42Kb / 1P
Surface Mount Power Toroid
logo
Sharp Corporation
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
Compact Surface Mount type Low Power-Loss Voltage Regulators
logo
Allied Components Inter...
SMTC2110-1R0M-RC ALLIED-SMTC2110-1R0M-RC Datasheet
1Mb / 1P
SURFACE MOUNT HIGH CURRENT TOROID
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
Low Core Loss, High Current Toroid Inductors
2100LL-221-V-RC BOURNS-2100LL-221-V-RC Datasheet
95Kb / 1P
Low Core Loss, High Current Toroid Inductors
2200LL-1R0-RC BOURNS-2200LL-1R0-RC Datasheet
438Kb / 1P
Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
Low Core Loss, High Current Toroid Inductors
logo
Allied Components Inter...
SMTC2110 ALLIED-SMTC2110 Datasheet
1Mb / 2P
SURFACE MOUNT HIGH CURRENT TOROID
TC210LL ALLIED-TC210LL Datasheet
1Mb / 1P
Low Loss High Current Toroid Choke
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
Low Core Loss, High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com