Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P160R Datasheet(PDF) 1 Page - API Delevan

Part # P160R
Description  Power Micro i짰 Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

P160R Datasheet(HTML) 1 Page - API Delevan

  P160R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES P160R
P160
Power Micro i® Chip Inductors
Physical Parameters
Inches
Millimeters
A
0.100 Max.
2.54 Max.
B
0.145 to 0.155
3.68 to 3.94
C
0.115 to 0.125
2.92 to 3.18
D
0.070 Min.
1.78 Min.
E
0.020 to 0.030
0.508 to 0.762
F
0.020 Max. (Typ.)
0.51 Max.
Operating Temperature Range -55°C to +125°C
Current Rating at 90°C Ambient 35°C Rise
Maximum Power Dissipation at 90°C 0.170 W
Termination Standard-Tin/Lead. For RoHS, order
P160R-XXXKS. Consult the factory for additional
finish options.
Inductance Measured at 0.100VAC with no DC Current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5% from its
initial 0 ADC value
Packaging Bulk only
SERIES P160 FERRITE CORE
-331KS
-391KS
-471KS
-561KS
-681KS
-821KS
-102KS
-122KS
-152KS
-182KS
-222KS
-272KS
-332KS
-392KS
-472KS
-562KS
-682KS
-822KS
-103KS
-123KS
-153KS
-183KS
-223KS
-273KS
-333KS
-393KS
-473KS
-563KS
-683KS
-823KS
-104KS
-124KS
-154KS
-184KS
-224KS
-274KS
-334KS
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
2636
2417
2231
2071
1933
1706
1526
1381
1261
1160
1036
935
829
784
707
644
592
537
483
439
397
358
326
293
266
244
223
204
185
169
153
139
124
114
103
93
84
1929
1873
1797
1730
1670
1567
1480
1254
1195
1149
1056
1011
876
850
715
687
662
554
464
441
419
350
334
320
277
261
254
213
206
196
163
157
134
128
112
107
101
0.033
0.035
0.038
0.041
0.044
0.050
0.056
0.078
0.086
0.093
0.11
0.12
0.16
0.17
0.24
0.26
0.28
0.40
0.57
0.63
0.70
1.0
1.1
1.2
1.6
1.8
1.9
2.7
2.9
3.2
4.6
5.0
6.8
7.5
9.8
10.8
12.0
0.330
0.390
0.470
0.560
0.680
0.820
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/25/10 10:37 AM Page 63


Similar Part No. - P160R

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P160 BITECH-P160 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
TT Electronics.
P160 TTELEC-P160 Datasheet
728Kb / 5P
Conductive plastic element
logo
Tripp Lite. All Rights ...
P160-000 TRIPPLITE-P160-000 Datasheet
160Kb / 2P
Compact/Slimline VGA Video Coupler Gender Changer (HD15 F/F)
logo
MPS Industries, Inc.
P1600 MPSIND-P1600 Datasheet
289Kb / 1P
PRECISION SMD INDUCTOR
More results

Similar Description - P160R

ManufacturerPart #DatasheetDescription
logo
API Delevan
103-100 API-103-100 Datasheet
235Kb / 1P
Micro i Chip Inductors
105-121M API-105-121M Datasheet
199Kb / 1P
Micro i Chip Inductors
160-100MS API-160-100MS Datasheet
207Kb / 1P
Micro i Chip Inductors
3094-100KS API-3094-100KS Datasheet
54Kb / 1P
Micro i Chip Inductors
100R API-100R_10 Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
100R-392F API-100R-392F Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com