Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT-372 Datasheet(PDF) 1 Page - API Delevan

Part # HCT-372
Description  High Current Toroidal Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

HCT-372 Datasheet(HTML) 1 Page - API Delevan

  HCT-372 Datasheet HTML 1Page - API Delevan HCT-372 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual Size
(HCT-44X)
SERIES HCTR
HCT
High Current Toroidal Inductors
Physical Parameters:
Package
A
B
C
D
E
F
Max.
Max.
Max.
HCT-37X
0.615
0.600
0.370
0.500
0.440
0.500
HCT-44X
0.665
0.665
0.400
0.560
0.490
0.560
HCT-50X
0.740
0.740
0.400
0.630
0.560
0.630
HCT-68X
0.945
0.940
0.400
0.820
0.700
0.820
Above dimensions in inches and unless otherwise stated all
tolerances are ± 0.010
Mechanical Configuration
Units are surface mount, low profile, self-leaded devices
Frequency Range 1kHz up to 1 MHz
Operating Temperature Range –30°C to +130°C
Leads Solder tinned
Materials Meet UL94V-0
Optional Tolerances As low as 10% available on some values.
Consult factory for details.
Maximum Power Dissipation at 25°C Ambient
HCT-37x, 0.9 W
HCT-44x, 1.0 W
HCT-50x, 1.1 W
HCT-68x, 1.2 W
Marking API; part number.
Example: HCT-504
API
HCT-504
Packaging Bulk; contact factory for tape & reel options.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
ELECTRICAL SPECIFICATIONS @ 25°C
DC AMPS TO PRODUCE A MAXIMUM
TEMPERATURE RISE FROM 25°C AMBIENT
2.2
3.4
5.4
6.8
3.2
4.7
6.4
9.8
5.8
7.2
9.8
14.6
5.3
10.7
15.0
21.5
5.73
4.58
3.62
3.23
5.13
4.23
3.60
2.91
3.97
3.55
3.04
2.49
4.35
3.06
2.58
2.16
9.75
7.78
6.17
5.49
8.73
7.20
6.13
4.95
6.75
6.04
5.17
4.23
7.40
5.21
4.40
3.67
12.30
9.87
7.82
6.97
11.00
9.14
7.78
6.28
8.56
7.66
6.56
5.37
9.39
6.60
5.58
4.66
14.30
11.40
9.10
8.10
12.80
10.60
9.05
7.31
9.96
8.91
7.63
6.25
10.90
7.68
6.49
5.42
16.00
12.80
10.10
9.04
14.30
11.80
10.00
8.15
11.10
9.94
8.50
6.97
12.10
8.57
7.24
6.04
17.40
13.90
11.00
9.83
15.60
12.80
10.90
8.87
12.00
10.80
9.25
7.58
13.20
9.32
7.87
6.57
2.5
4.0
6.3
7.9
3.6
5.4
7.5
11.4
6.6
8.3
11.4
17.0
6.2
12.3
17.5
25.0
260
160
110
100
110
85
65
55
55
45
35
29
30
24
21
16
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
32
27
27
24
33
29
29
26
25
23
23
22
35
35
30
30
1.25
2.1
2.8
4.2
2.8
4.2
5.7
9.0
6.5
8.4
12.5
17.0
10.5
17.6
22.0
29.0
-371
-372
-373
-374
-441
-442
-443
-444
-501
-502
-503
-504
-681
-682
-683
-684
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 9:43 AM Page 81


Similar Part No. - HCT-372

ManufacturerPart #DatasheetDescription
logo
Magnelab.
HCT-0010-005 MAGNELAB-HCT-0010-005 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-010 MAGNELAB-HCT-0010-010 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-020 MAGNELAB-HCT-0010-020 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-025 MAGNELAB-HCT-0010-025 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
HCT-0010-050 MAGNELAB-HCT-0010-050 Datasheet
157Kb / 1P
Split-Core AC or DC Voltage Output Current Transducer. Hall Effect Current Sensor
More results

Similar Description - HCT-372

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
Toroidal Inductors High Current
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
Toroidal Inductors High Current
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
High Current Toroidal Inductors
logo
Token Electronics Indus...
TCTC1005IR-330-J TOKEN-TCTC1005IR-330-J Datasheet
368Kb / 2P
TCTC High Current Toroidal Inductors
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
High Current Toroidal Inductors
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
High Current Toroidal Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com