Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS130R Datasheet(PDF) 1 Page - API Delevan

Part # SDS130R
Description  Surface Mount Shielded Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SDS130R Datasheet(HTML) 1 Page - API Delevan

  SDS130R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES SDS130R
Surface Mount Shielded Power Choke
Physical Parameters
Inches
Millimeters
A
0.500 ±0.008
12.7 ±0.2
B
0.398 ±0.008
10.1±0.2
C
0.118 Max.
3.0 Max.
D
0.094 ±0.008
2.4 ±0.2
E
0.087 ±0.008
2.2 ±0.2
F
0.303 ±0.015
7.7 ±0.4
G
0.287 Ref.
7.3 Ref.
H
0.118 Ref.
3.0 Ref.
I
0.110 Ref.
2.8 Ref.
Current rating at 25°C Ambient
40°C Max. Rise
Operating Temperature Range
-40°C to +85°C
Weight Maximum
0.85 grams
Marking For values lower than 10 H the R indicates a
decimal point and the remaining digits indicate the
inductance in H. For values 10 H and above, the first two
digits indicate the inductance in H and the third digit
indicates the number of trailing zeros where a zero
indicates that there are no trailing zeros.
Example: SDS130R-222N (2.2
μH)
2R2
Example: SDS130R-473M (47
μH)
470
Packaging
Tape & Reel (24mm): 13" reel
1000 pieces max.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES SDS130 FERRITE CORE & SLEEVE
-222N
-302N
-392N
-472N
-682N
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
-124M
-154M
-184M
-224M
-274M
-334M
-394M
-474M
2.2
3.0
3.9
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
±30%
±30%
±30%
±30%
±30%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
100
100
100
100
100
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.045
0.062
0.070
0.078
0.100
0.145
0.185
0.20
0.27
0.30
0.40
0.45
0.56
0.65
0.68
0.80
1.20
1.40
1.52
1.80
2.20
2.70
3.10
3.60
4.60
5.10
3500
3000
2800
2500
2200
2000
1750
1500
1400
1300
1200
1100
950
800
750
700
650
600
550
500
450
400
350
300
250
200
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 10:17 AM Page 72


Similar Part No. - SDS130R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS1306T-100M-N ETC2-SDS1306T-100M-N Datasheet
569Kb / 5P
SMD Shielded Power Inductors
SDS1306T-101M-N ETC2-SDS1306T-101M-N Datasheet
569Kb / 5P
SMD Shielded Power Inductors
SDS1306T-102M-N ETC2-SDS1306T-102M-N Datasheet
569Kb / 5P
SMD Shielded Power Inductors
SDS1306T-150M-N ETC2-SDS1306T-150M-N Datasheet
569Kb / 5P
SMD Shielded Power Inductors
SDS1306T-151M-N ETC2-SDS1306T-151M-N Datasheet
569Kb / 5P
SMD Shielded Power Inductors
More results

Similar Description - SDS130R

ManufacturerPart #DatasheetDescription
logo
RFE international
ICS0804 RFE-ICS0804 Datasheet
112Kb / 2P
SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
logo
Allied Components Inter...
SMPC3825-1R0L-RC ALLIED-SMPC3825-1R0L-RC Datasheet
332Kb / 1P
Surface Mount Power Choke
SMPC5832-1R0L-RC ALLIED-SMPC5832-1R0L-RC Datasheet
438Kb / 1P
Surface Mount Power Choke
SMPC7832-1R0L-RC ALLIED-SMPC7832-1R0L-RC Datasheet
439Kb / 1P
Surface Mount Power Choke
logo
API Delevan
SDS680R API-SDS680R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
SDS850R API-SDS850R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
logo
Allied Components Inter...
SMPC3825 ALLIED-SMPC3825 Datasheet
333Kb / 1P
Surface Mount Power Choke
SMPC5832 ALLIED-SMPC5832 Datasheet
438Kb / 1P
Surface Mount Power Choke
SMPC7832 ALLIED-SMPC7832 Datasheet
443Kb / 1P
Surface Mount Power Choke
PCS1087 ALLIED-PCS1087 Datasheet
1Mb / 7P
Power Choke Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com