Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB2.5R Datasheet(PDF) 1 Page - API Delevan

Part # SMB2.5R
Description  Surface Mount Shield Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SMB2.5R Datasheet(HTML) 1 Page - API Delevan

  SMB2.5R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES SMB2.5R
SMB2.5
Surface Mount Shield Beads
Physical Parameters
Inches
Millimeters
A
0.285 ± 0.010
7.2 ± 0.25
B
0.185 ± 0.015
4.7 ± 0.38
C
0.355 ± 0.020
9.02 ± 0.51
D
0.460 Max.
11.68 Max.
E
0.050 ± 0.005
1.27 ± 0.13
F
0.075 Min.
1.9 Min.
Operating Temperature Range –40°C to +125°C
Impedances are measured on the HP 4291A
Impedance Analyzer
Material High resistivity ferrite material eliminates the
need to insulate windings
Lead Wire Plated copper
Idc Max. Based on a 35° C rise from
90°C ambient
Parts are available in tape and reel packaging
Packaging Tape & reel (24mm): 13" reel, 700 pieces
max.; 7" reel not available
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Suggested Land Pattern Dimensions
Inches
Millimeters
U
0.075
1.9
V
0.095
2.4
W
0.265
6.7
X
0.09
2.3
Y
0.19
4.8
Z
0.185
4.7
For more detailed graphs, contact factory
SERIES SMB2.5R / SMB2.5
-1
-2
9.5
9.5
0.005
0.005
400
635
375
650
385
490
210
N/A
2 1⁄2
2 1⁄2
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 4:01 PM Page 114


Similar Part No. - SMB2.5R

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB20 LITEON-SMB20 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB20 MIC-SMB20 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB20 LUGUANG-SMB20 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
Surface Mount Beads
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
Surface Mount Beads
More results

Similar Description - SMB2.5R

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025 Datasheet
32Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025 Datasheet
29Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_10 Datasheet
66Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025 Datasheet
61Kb / 1P
SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
Surface Mount Beads
SMB50 ALLIED-SMB50 Datasheet
243Kb / 1P
Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025_15 Datasheet
61Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_15 Datasheet
68Kb / 2P
SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025_15 Datasheet
29Kb / 1P
SURFACE MOUNT BEADS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com