Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD42R Datasheet(PDF) 1 Page - API Delevan

Part # SPD42R
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SPD42R Datasheet(HTML) 1 Page - API Delevan

  SPD42R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
Shielded Surface Mount Inductors
Mechanical Configuration
Magnetically shielded surface mount power inductor ferrite
core & shield.
Physical Parameters
Inches
Millimeters
A
0.185 ± 0.012
4.7 ± 0.3
B
0.185 ± 0.012
4.7 ± 0.3
C
0.115 Max.
2.92 Max.
D
0.015 Ref.
0.38 Ref.
E
0.100 Ref.
2.54 Ref.
F
0.065 Ref.
1.65 Ref.
G
0.270 Ref.
6.86 Ref.
H
0.075 Ref.
1.90 Ref.
I
0.210 Ref.
5.30 Ref.
J
0.059 Ref.
1.50 Ref.
Operating Temperature Range –55°C to +125°C
Current Rating at 25°C Ambient 40°C maximum
temperature rise and 10% maximum decrease in
inductance
Application Frequency Range
18 Inductance values from 1.2 H to 100 H
Core Material Ferrite
Weight (Grams Max.) 0.85
Packaging Tape & reel (12mm):
7" reel, 500 pieces max.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES SPD42R
-122M
-222M
-332M
-472M
-682M
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
120
77
65
55
45
37
34
30
28
25
21
18
17
16
15
14
12
11
1.80
1.35
1.10
0.90
0.73
0.58
0.53
0.46
0.42
0.38
0.35
0.32
0.30
0.28
0.25
0.22
0.20
0.12
0.019
0.023
0.032
0.045
0.060
0.083
0.100
0.115
0.150
0.160
0.190
0.215
0.290
0.320
0.365
0.480
0.520
0.700
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.2
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
SPD42R
Actual Size
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/25/10 3:02 PM Page 89


Similar Part No. - SPD42R

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
SPD4200B WILLSEMI-SPD4200B Datasheet
277Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
SPD4200B-2/TR WILLSEMI-SPD4200B-2/TR Datasheet
277Kb / 4P
1-Line, Bi-directional, Thyristor Surge Suppressors
More results

Similar Description - SPD42R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com