Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD73R Datasheet(PDF) 1 Page - API Delevan

Part # SPD73R
Description  Shielded Surface Mount Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SPD73R Datasheet(HTML) 1 Page - API Delevan

  SPD73R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES
Shielded Surface Mount Inductors
Physical Parameters
Inches
Millimeters
A
0.287 ± .020
7.3 ± 0.5
B
0.287 ± .020
7.3 ± 0.5
C
0.185 Max.
4.7 Max. (Series SPD74)
C
0.153 Max.
3.9 Max.(Series SPD73)
D
0.200 ± 0.020
5.0 ± 0.5
E
0.088 ± 0.020
2.2 ± 0.5
F
0.042 ± 0.020
1.0 ± 0.5
G
0.015 Ref. only
0.38 Ref. only
Mechanical Configuration Units designed for surface
mounting; ferrite core and ferrite sleeve
Operating temperature range –55°C to +125°C
Application Frequency Range
Values 1.2µH to 10µH to 1.0 MHz Min.
Values above 10µH to 300 kHz Min.
Current Rating at 25°C Ambient The maximum DC
current that will cause a 40°C maximum temperature rise
and where the inductance will not decrease by more than
10% from its zero DC value
Marking For values lower than 10 H the R indicates a
decimal point and the remaining digits indicate the
inductance in H. For values 10 H and above, the first two
digits indicate the inductance in H and the third digit
indicates the number of trailing zeros where a zero
indicates that there are no trailing zeros.
Example: SPD73R-122M (1.2 H)
1R2
Example: SPD74R-105M (1,000 H)
102
Packaging Tape & reel (16mm):
13" reel, 1000 pieces max.; 7" reel not available
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SPD73R & SPD74R
SPD73 & SPD74
SERIES SPD73 FERRITE CORE & SLEEVE
-122M
-242M
-352M
-472M
-682M
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
-124M
-154M
-184M
-224M
-274M
-334M
-394M
-474M
-564M
-684M
-824M
-105M
SERIES SPD74 FERRITE CORE & SLEEVE
-122M
-242M
-352M
-472M
-682M
-103M
-123M
-153M
-183M
-223M
-273M
-333M
-393M
-473M
-563M
-683M
-823M
-104M
-124M
-154M
-184M
-224M
-274M
-334M
-394M
-474M
-564M
-684M
-824M
-105M
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
3.40
2.69
2.60
2.15
1.90
1.90
1.70
1.59
1.28
1.10
1.05
0.981
0.850
0.801
0.701
0.667
0.579
0.541
0.524
0.510
0.399
0.374
0.316
0.297
0.280
0.235
0.222
0.201
0.188
0.156
4.40
4.00
3.70
3.50
3.40
2.50
2.40
2.30
2.15
2.00
1.70
1.50
1.35
1.30
1.10
1.05
1.00
0.86
0.84
0.70
0.68
0.60
0.53
0.50
0.40
0.39
0.36
0.32
0.30
0.28
0.020
0.032
0.035
0.050
0.065
0.067
0.080
0.091
0.14
0.19
0.21
0.24
0.32
0.36
0.47
0.52
0.69
0.79
0.84
0.89
1.45
1.65
2.31
2.62
2.94
4.18
4.67
5.73
6.54
9.44
0.025
0.03
0.034
0.038
0.042
0.049
0.058
0.081
0.091
0.11
0.15
0.17
0.23
0.26
0.35
0.38
0.43
0.61
0.66
0.88
0.98
1.17
1.64
1.86
2.85
3.01
3.62
4.63
5.2
6.0
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.2
2.4
3.5
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1.2
2.4
3.5
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
12/2011
API_newlayouts_single:APIcatalog_newlayouts 12/1/11 6:47 PM Page 91


Similar Part No. - SPD73R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
Shielded Surface Mount Inductors
SPD73-103M ETC1-SPD73-103M Datasheet
41Kb / 1P
Shielded Surface Mount Inductors
SPD73-104M ETC1-SPD73-104M Datasheet
41Kb / 1P
Shielded Surface Mount Inductors
SPD73-105M ETC1-SPD73-105M Datasheet
41Kb / 1P
Shielded Surface Mount Inductors
SPD73-122M ETC1-SPD73-122M Datasheet
41Kb / 1P
Shielded Surface Mount Inductors
More results

Similar Description - SPD73R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
Shielded Surface Mount Inductors
logo
API Delevan
S1008 API-S1008 Datasheet
28Kb / 1P
Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com