Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1944-04M Datasheet(PDF) 1 Page - API Delevan

Part # 1944-04M
Description  Molded Unshielded RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

1944-04M Datasheet(HTML) 1 Page - API Delevan

  1944-04M Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
1944R & 1945R
1944 & 1945
Molded Unshielded RF Coils
Test Methods MIL-PRF-15305 test methods, only.
MS21389-01 to MS21389-17, reference - 1944 Series
MS21390-01 to MS21390-39, reference - 1945 Series
Physical Parameters
Inches
Millimeters
Length
0.420 to 0.447
10.67 to 11.35
Diameter
0.168 to 0.193
4.27 to 4.90
Lead Size
AWG #22 TCW
0.023 to 0.027
0.584 to 0.686
Lead Length
1.30 Min.
33.02 Min.
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature –55°C to +125°C
Maximum Power Dissipation at 90°C
Series 1944: 0.385 W
Series 1945: 0.330 W
Marking DELEVAN; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 1944-14M
Front:
Reverse:
DELEVAN
0704A
1.2uH±20%
Packaging Tape & reel: 12" reel, 2500 pieces max.; 14"
reel, 3000 pieces max.
Made in the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
MS21389 (Reference) – SERIES 1944 PHENOLIC CORE
-01M
-02M
-03M
-04M
-05M
-06M
-07M
-08M
-09M
-10M
-11M
-12M
-13M
-14M
-15K
-16K
-17K
MS21390 (Reference) – SERIES 1945 IRON CORE
-01K
-02K
-03K
-04K
-05K
-06K
-07K
-08K
-09K
-10K
-11K
-12K
-13J
-14J
-15J
-16J
-17J
-18J
-19J
-20J
-21J
-22J
-23J
-24J
-25J
-26J
-27J
-28J
-29J
-30J
-31J
-32J
-33J
-34J
-35J
-36J
-37J
-38J
-39J
4000
3500
3000
3000
3000
2700
2500
2000
2000
1700
1500
1300
1100
1000
850
720
610
1600
1400
1200
1000
900
800
720
650
590
500
460
430
360
300
290
275
265
250
235
220
170
164
158
155
150
145
142
137
135
131
128
124
123
120
115
113
110
107
104
0.020
0.025
0.030
0.030
0.030
0.040
0.045
0.070
0.070
0.100
0.120
0.160
0.230
0.280
0.380
0.540
0.750
0.11
0.14
0.19
0.28
0.34
0.43
0.56
0.67
0.81
1.15
1.40
1.60
2.30
3.30
3.32
3.70
3.99
4.48
5.07
5.78
5.00
5.80
6.60
7.40
8.00
8.60
8.90
9.60
9.90
10.4
10.9
11.6
11.8
12.5
13.5
14.0
15.0
15.5
16.5
400
400
400
400
400
376
352
320
288
264
240
220
200
176
160
144
132
88
80
76
72
64
56
52
48
42.4
37.6
34.4
32.0
28.8
25.6
20.8
17.6
15.2
12.8
10.4
8.00
5.76
5.36
5.04
4.72
4.48
4.24
4.00
3.76
3.60
3.44
3.20
3.04
2.88
2.80
2.72
2.64
2.48
2.40
2.24
75
75
75
65
65
65
65
60
55
50
50
45
45
45
45
45
45
55
55
60
70
65
65
60
60
65
80
75
75
75
85
80
80
75
75
75
75
65
65
65
65
65
65
65
65
65
65
65
65
60
60
60
60
60
60
60
50
50
50
50
50
45
40
40
25
25
25
25
20
20
15
15
15
10
10
10
7.9
7.9
7.9
7.9
5.0
5.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
300
330
360
390
430
470
510
560
620
680
750
820
910
1000
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 20%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
± 5%
Optional Tolerances:
K = 10% J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Actual Size
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 11:40 AM Page 44


Similar Part No. - 1944-04M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1944-04M ETC1-1944-04M Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1944-04M API-1944-04M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
More results

Similar Description - 1944-04M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
Molded Unshielded RF Coils
logo
API Delevan
1025R-94K API-1025R-94K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
1537-00M API-1537-00M Datasheet
51Kb / 1P
Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
Molded Unshielded RF Coils
2500-00J API-2500-00J Datasheet
53Kb / 1P
Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
511R API-511R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
1638R API-1638R_10 Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com