Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9405-1 Datasheet(PDF) 1 Page - API Delevan

Part # 9405-1
Description  Tunable Variable RF Coils
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

9405-1 Datasheet(HTML) 1 Page - API Delevan

  9405-1 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC
RE
SIS
TA
NC
E
MA
XIM
UM
(O
HM
S)
SERIES
9405R & 9406R
9405 & 9406
Tunable Variable RF Coils
Leads AWG #24 Tinned Copperweld
Tuning Torque 0.1 to 3.5 oz. in.
Pin #1 is identified by white dot on 9406 only.
Current Rating at 90°C Ambient 35°C Rise
Operating Temperature Range
–55°C to +125°C
Max. Power Dissipation at 90°C - 0.3 W
Weight Max. (Grams) 4.0
Units are electro-magnetically shielded
Core and Shield Material Ferrite
Ordering Information
Vertical Coil = Dash No. prefixed by 9405; Horizontal
Coil = Dash No. prefixed by 9406. Additionally – an
electrostatic shield for 9405 is available on a custom
basis; order as 9415-XX
9405 Marking DEC; part number
9406 Marking Part number; DEC
Example: 9405R-10
DEC
9405R-10
Packaging Bulk only
Made in the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
-1
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
-42
-44
-46
-48
-50
-52
-54
-56
-58
-60
Actual Size
Actual Size
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
250.0
198.0
195.0
142.0
110.0
130.0
95.0
76.0
57.0
39.0
37.0
27.0
18.0
16.0
12.0
11.0
8.0
7.0
6.5
4.5
3.5
3.2
3.1
2.4
1.9
1.3
1.2
0.85
0.68
0.60
0.50
0.030
0.035
0.056
0.060
0.064
0.073
0.600
0.620
0.720
1.05
1.15
1.30
1.50
2.35
2.80
3.00
3.70
4.35
5.50
9.20
9.70
14.0
15.0
20.0
24.5
30.0
38.0
45.0
70.0
100.0
115.0
2690.0
2490.0
1970.0
1900.0
1840.0
1720.0
600.0
590.0
550.0
455.0
435.0
410.0
380.0
305.0
278.0
269.0
242.0
223.0
198.0
153.0
149.0
124.0
120.0
104.0
94.0
85.0
75.5
69.5
55.5
46.5
43.5
43
50
52
49
51
48
67
82
103
91
87
88
87
93
102
110
96
73
67
81
83
57
67
57
52
53
65
57
51
49
40
45
53
55
51
53
51
51
55
65
70
74
72
72
66
74
83
76
70
65
53
61
42
48
45
48
38
42
42
38
38
40
25.0
25.0
25.0
25.0
25.0
25.0
25/7.9
7.9
7.9
7.9
7.9
7.9
7.9/2.5
2.5
2.5
2.5
2.5
2.5
2.5/0.79
0.79
0.79
0.79
0.79
0.79
0.79/0.25
0.25
0.25
0.25
0.25
0.25
0.25/0.079
0.120
0.180
0.286
0.429
0.611
0.884
1.30
1.95
2.86
4.29
6.11
8.84
13.0
19.5
28.6
42.9
61.1
88.4
130.0
195.0
286.0
429.0
611.0
884.0
1300.0
1950.0
2860.0
4290.0
6110.0
8840.0
13000.0
0.080
0.120
0.154
0.231
0.329
0.476
0.700
1.05
1.54
2.31
3.29
4.76
7.00
10.5
15.4
23.1
32.9
47.6
70.0
105.0
154.0
231.0
329.0
476.0
700.0
1050.0
1540.0
2310.0
3290.0
4760.0
7000.0
0.10
0.15
0.22
0.33
0.47
0.68
1.00
1.50
2.20
3.30
4.70
6.80
10.0
15.0
22.0
33.0
47.0
68.0
100.0
150.0
220.0
330.0
470.0
680.0
1000.0
1500.0
2200.0
3300.0
4700.0
6800.0
10000.0
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 3:46 PM Page 62


Similar Part No. - 9405-1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9405-0601000 BELDEN-9405-0601000 Datasheet
192Kb / 2P
Electronic, 26 C #1816 Str TC, PVC Ins, PVC Jkt, CM
06-01-2023
More results

Similar Description - 9405-1

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
Variable Coils
7KMM TOKO-7KMM Datasheet
31Kb / 2P
Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
Variable Coils
logo
Frontier Electronics.
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
Tunable Super Hi-Q RF Coils
5YN FRONTIER-5YN Datasheet
137Kb / 1P
Tunable Hi-Q RF Coils
logo
Coilcraft lnc.
148 COILCRAFT-148 Datasheet
87Kb / 1P
Tunable RF Inductors
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
7mm Tunable RF Coils
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
10 mm Tunable Coils
logo
Frontier Electronics.
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
TUNABLE SUPER HI-Q RF COILS
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
7 mm Tunable RF Coils ??146, 150
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com