Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8532-18L Datasheet(PDF) 1 Page - API Delevan

Part # 8532-18L
Description  High Current Surface Mount Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

8532-18L Datasheet(HTML) 1 Page - API Delevan

  8532-18L Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 8532R
8532
High Current Surface Mount Power Inductors
Mechanical Configuration
Units are encapsulated in a Surface Mount package, using
an epoxy molded case. High resistivity ferrite core, allows
for high inductance with low DC resistance.
Physical Parameters
Inches
Millimeters
A
0.840 to 0.880
21.34 to 22.35
B
0.310 to 0.330
7.87 to 8.38
C
0.266 to 0.286
6.76 to 7.26
D
0.050 Min.
1.27 Min.
E
0.070 to 0.110
1.78 to 2.79
F
0.750 (Ref. only)
19.05 (Ref. only)
G
0.120 (Ref. only)
3.05 (Ref. only)
Dimensions “A” and “C” are over terminals.
Operating Temperature Range –55°C to +125°C
Current Rating 40°C Rise over 85°C Ambient
Maximum Power Dissipation at 85°C 0.50 Watts
Inductance
Measured at 1 VAC open circuit with no DC current.
Incremental Current The current at which the inductance
will decrease by a maximum of 5% from its initial zero DC
value.
Weight Max. (Grams) 2.5
Marking API/SMD; inductance with units and tolerance;
date code (YYWWL). Note: An R before the date code
indicates a RoHS component.
Example: 8532R-52L
API/SMD
18mH±15%
R 0901B
Packaging Tape & reel (44mm):
13" reel, 480 pieces max.; 7" reel not available
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
6.4
5.8
5.2
4.8
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.2
2.0
1.8
1.6
1.5
1.4
1.2
1.1
1.0
0.93
0.85
0.77
0.71
0.64
0.58
0.52
0.48
0.43
0.39
0.35
0.32
0.29
0.27
0.25
0.22
0.20
0.18
0.16
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.06
0.06
0.05
0.05
6.27
5.95
5.67
5.43
5.22
5.03
4.70
4.56
4.01
3.84
3.69
3.55
3.27
3.09
2.97
2.84
2.66
2.25
2.17
2.05
1.84
1.65
1.56
1.53
1.30
1.12
1.04
0.99
0.84
0.80
0.74
0.68
0.59
0.56
0.49
0.42
0.39
0.37
0.34
0.30
0.28
0.25
0.23
0.20
0.19
0.18
0.15
0.13
0.12
0.12
0.10
0.09
0.009
0.010
0.011
0.012
0.013
0.014
0.016
0.017
0.022
0.024
0.026
0.028
0.033
0.037
0.040
0.044
0.050
0.070
0.075
0.084
0.104
0.130
0.145
0.152
0.208
0.283
0.330
0.362
0.505
0.557
0.650
0.770
1.03
1.14
1.50
1.98
2.30
2.55
3.00
4.00
4.40
5.80
6.56
8.63
10.1
11.2
15.0
20.8
23.4
26.0
36.0
40.0
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
SERIES 8532 FERRITE CORE
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
Optional Tolerances:    Values < 10µH: K = 10% J = 5%
Values ≥ 10µH: K = 10% J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
Actual Size
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/30/10 10:52 AM Page 79


Similar Part No. - 8532-18L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8532-18L ETC1-8532-18L Datasheet
33Kb / 1P
High Current Surface Mount Power Inductors
More results

Similar Description - 8532-18L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
High Current Surface Mount Inductors
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
High Current Surface Mount Power Inductors
8532-01L ETC1-8532-01L Datasheet
33Kb / 1P
High Current Surface Mount Power Inductors
logo
Filtran LTD
8402-XXX FILTRAN-8402-XXX Datasheet
189Kb / 1P
Inductors Surface Mount High Current Power Inductors
logo
API Delevan
4922R API-4922R Datasheet
1Mb / 1P
Surface Mount High Current Power Inductors
logo
Vishay Siliconix
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
High Current, Surface Mount Inductors
24-Feb-11
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
High Current Surface Mount Power Inductors
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
High Current, Surface Mount Inductors
05-Feb-11
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
High Current, Surface Mount Inductors
20-Sep-13
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
High Current, Surface Mount Inductors
20-Jun-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com