Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4922-11L Datasheet(PDF) 1 Page - API Delevan

Part # 4922-11L
Description  Surface Mount High Current Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4922-11L Datasheet(HTML) 1 Page - API Delevan

  4922-11L Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES 4922R
4922
Mechanical Configuration Units are encapsulated in a
Surface Mount package, using an epoxy molded case. Leads
are pre-tinned. A high resistivity ferrite core allows for high
inductance with low DC resistance.
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to 0.075
1.40 to 1.91
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Operating Temperature Range –55°C to +125°C
Current Rating at 85°C Ambient 40°C Rise
Maximum Power Dissipation at 85°C 0.55 Watts
Inductance
Measured at 1 VAC open circuit with no DC current.
Incremental Current The current at which the inductance will
be decreased by a maximum of 5% from its initial zero DC
value.
Weight (Grams Max.) 1.5
Marking API/SMD; inductance with units and tolerance; date
code (YYWWL). Note: An R before the date code indicates a
RoHS component.
Example: 4922-01L
API/SMD
1.0uH±15%
0918A
Packaging Tape & reel (24mm): 13" reel, 800 pieces max.; 7"
reel not available
Made In the U.S.A.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Optional Tolerances:    Values < 10µH: K = 10% J = 5%
Values ≥ 10µH: K = 10% J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For surface finish information,
refer to www.delevanfinishes.com
Surface Mount High Current Power Inductors
SERIES 4922 FERRITE CORE
-221L
-271L
-331L
-391L
-471L
-561L
-681L
-821L
-01L
-02L
-03L
-04L
-05L
-06L
-07L
-08L
-09L
-10L
-11L
-12L
-13L
-14L
-15L
-16L
-17L
-18L
-19L
-20L
-21L
-22L
-23L
-24L
-25L
-26L
-27L
-28L
-29L
-30L
-31L
-32L
-33L
-34L
-35L
-36L
-37L
-38L
-39L
-40L
-41L
-42L
-43L
-44L
-45L
-46L
-47L
-48L
-49L
-50L
-51L
-52L
-53L
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
0.0110
0.0120
0.013
0.018
0.020
0.021
0.029
0.034
0.038
0.042
0.047
0.051
0.058
0.063
0.071
0.079
0.089
0.119
0.152
0.179
0.222
0.315
0.362
0.397
0.418
0.604
0.672
0.735
0.998
1.370
1.580
1.770
2.510
2.730
3.250
3.750
4.310
6.040
6.900
10.00
12.50
16.00
20.00
23.00
25.00
33.00
37.00
40.00
62.00
66.00
74.00
93.00
105.0
143.0
160.0
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/30/10 10:51 AM Page 77


Similar Part No. - 4922-11L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4922-11L ETC1-4922-11L Datasheet
32Kb / 1P
High Current Surface Mount Power Inductors
More results

Similar Description - 4922-11L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
High Current Surface Mount Inductors
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
High Current Surface Mount Power Inductors
8532-01L ETC1-8532-01L Datasheet
33Kb / 1P
High Current Surface Mount Power Inductors
logo
Filtran LTD
8402-XXX FILTRAN-8402-XXX Datasheet
189Kb / 1P
Inductors Surface Mount High Current Power Inductors
logo
API Delevan
8532R API-8532R Datasheet
1Mb / 1P
High Current Surface Mount Power Inductors
logo
Vishay Siliconix
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
High Current, Surface Mount Inductors
24-Feb-11
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
High Current Surface Mount Power Inductors
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
High Current, Surface Mount Inductors
05-Feb-11
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
High Current, Surface Mount Inductors
20-Sep-13
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
High Current, Surface Mount Inductors
20-Jun-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com